Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1278-1BCPZ Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADM1278-1BCPZ
Descripción Electrónicos  Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1278-1BCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADM1278-1BCPZ Datasheet HTML 1Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 2Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 3Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 4Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 5Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 6Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 7Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 8Page - Analog Devices ADM1278-1BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
Data Sheet
ADM1278
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
HOT SWAP SENSE VOLTAGE
Hot Swap Sense Voltage
Current Limit
VSENSECL
A Grade and AA Grade
19.75
20
20.25
mV
VISET > 1.65 V; VGATE = (VHS+ + 3 V); IGATE = 0 μA
B Grade Only
19.6
20
20.4
mV
VISET > 1.65 V; VGATE = (VHS+ + 3 V); IGATE = 0 μA
Constant Power Inactive
VGATE = (VHS+ + 3 V); IGATE = 0 μA; VDS = (HS−) − VOUT
A Grade and AA Grade
24.75
25
25.25
mV
VISET = 1.25 V; VDS < 2 V
19.75
20
20.25
mV
VISET = 1.0 V; VDS < 2 V
14.75
15
15.25
mV
VISET = 0.75 V; VDS < 2 V
B Grade Only
24.6
25
25.4
mV
VISET = 1.25 V; VDS < 2 V
19.6
20
20.4
mV
VISET = 1.0 V; VDS < 2 V
14.6
15
15.4
mV
VISET = 0.75 V; VDS < 2V
Constant Power Active
FET power limit = (VPSET × 8)/(50 × RSENSE); constant power
active when VDS > (VPSET × 8)/ISET
A Grade and AA Grade
9.25
10
10.75
mV
VISET > 1.65 V; VPSET = 0.25 V; VDS = 4 V
4.65
5
5.35
mV
VISET > 1.65 V; VPSET = 0.25 V; VDS = 8 V
1.7
2
2.3
mV
VISET > 1.65 V; VPSET = 0.25 V; VDS = 20 V
B Grade Only
9
10
11
mV
VISET > 1.65 V; VPSET = 0.25 V; VDS = 4 V
4.6
5
5.4
mV
VISET > 1.65 V; VPSET = 0.25 V; VDS = 8 V
1.4
2
2.6
mV
VISET > 1.65 V; VPSET = 0.25 V; VDS = 20 V
Start-Up Current Limit
VISTARTCL
A Grade and AA Grade
4.7
5
5.3
mV
STRT_UP_IOUT_LIM = 3; VISET > 1.65 V
3.7
4
4.3
mV
VISTART = 0.2 V
B Grade Only
4.5
5
5.5
mV
STRT_UP_IOUT_LIM = 3; VISET > 1.65 V
3.5
4
4.5
mV
VISTART = 0.2 V
Start-Up Current-Limit Clamp
VISTARTCL_CLAMP
A Grade and AA Grade
1.6
2
2.4
mV
VISTART = 0 V or STRT_UP_IOUT_LIM = 0
B Grade Only
1.4
2
2.6
mV
VISTART = 0 V or STRT_UP_IOUT_LIM = 0
Circuit Breaker Offset
VCBOS
0.6
0.88
1.12
mV
Circuit breaker trip voltage, VCB = VSENSECL − VCBOS
SEVERE OVERCURRENT
Voltage Threshold
VSENSEOC
A Grade and AA Grade
23
25
27
mV
VISET > 1.65 V; VPSET > 1.1 V; optional select PMBus (125%)
28
30
32
mV
VISET > 1.65 V; VPSET > 1.1 V; optional select PMBus (150%)
38
40
42
mV
VISET > 1.65 V; VPSET > 1.1 V; optional select PMBus (200%)
43
45
47
mV
VISET > 1.65 V; VPSET > 1.1 V; default at power-up (225%)
B Grade Only
20
25
30
mV
VISET > 1.65 V; VPSET > 1.1 V; optional select PMBus (125%)
25
30
35
mV
VISET > 1.65 V; VPSET > 1.1 V; optional select PMBus (150%)
35
40
45
mV
VISET > 1.65 V; VPSET > 1.1 V; optional select PMBus (200%)
40
45
50
mV
VISET > 1.65 V; VPSET > 1.1 V; default at power-up (225%)
Short Glitch Filter Duration
100
220
ns
VSENSE_HS step = 18 mV to (2 mV above VSENSEOC_MAX)
Long Glitch Filter Duration
(Default)
530
900
ns
VSENSE_HS step = 18 mV to (2 mV above VSENSEOC_MAX)
Response Time
Short Glitch Filter
200
320
ns
VSENSE_HS step = 18 mV to (2 mV above VSENSEOC_MAX)
Long Glitch Filter
630
1000
ns
VSENSE_HS step = 18 mV to (2 mV above VSENSEOC_MAX)
ISTART PIN
Active Range
0.1
1.25
V
Tie ISTART to VCAP to disable start-up current limit
Gain of Current Sense Amplifier
AVCSAMP
50
V/V
Accuracies included in total sense voltage accuracies
Input Current
IISTART
100
nA
VISTART ≤ VVCAP
TIMER PIN
TIMER Pull-Up Current
Power-On Reset (POR)
ITIMERUPPOR
−2
−3
−4
µA
Initial power-on reset; VTIMER = 0.5 V
Overcurrent (OC) Fault
ITIMERUPFLT
−57
−60
−63
µA
Overcurrent fault; 0.2 V ≤ VTIMER ≤ 1 V
Rev. A | Page 5 of 61


Número de pieza similar - ADM1278-1BCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

Descripción similar - ADM1278-1BCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
   Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
LTC4286 AD-LTC4286 Datasheet
1Mb / 44P
   High Power Positive Hot-Swap Controller with Power Monitor via PMBus
Rev. 0
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
LTC4284 AD-LTC4284 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com