Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

YSESD3Z12T1G Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

No. de pieza YSESD3Z12T1G
Descripción Electrónicos  UNIDIRECTIONAL TVS DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

YSESD3Z12T1G Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  YSESD3Z12T1G Datasheet HTML 1Page - Yea Shin Technology Co., Ltd YSESD3Z12T1G Datasheet HTML 2Page - Yea Shin Technology Co., Ltd YSESD3Z12T1G Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.04 20140318
DEVICE CHARACTERISTICS
YSESD3ZxxT1G Series
(V)
(V)
@1A
(µA)
(pF)
(max.) (min.)
(mA)
(max.) (max.)
(@A)
(max.) (max.)
YSESD3Z12T1G
36W
12W
YSESD3Z08T1G
08W
7
7.8
18
15
19
13.3
15W
24W
YSESD3Z18T1G
18W
120
24
28
30
1
YSESD3Z05T1G
40
1
1
8
16
21
12
YSESD3Z15T1G
100
6
25
200
150
1
130
300
10
10
4
1
30
YSESD3Z24T1G
1
1
80
36
YSESD3Z36T1G
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
Lead Soldering Temperature
Operating Temperature Range
VC
TJ
UNITS
Peak Pulse Power (tp=8/20µs waveform)
Storage Temperature Range
VC
IT
TL
VRWM
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
26.6
1
43
50
60
24
40
75
10
12
6
1
9.8
17
13.4
1
1
Watts
PARAMETER
SYMBOL
260 (10 sec.)
CT
DEVICE
MARKING
450
05W
5
23
25
13
VALUE
350
PPP
TSTG
-55 ~ 150
3
4
1
6.5
VB
PART NUMBER
16.7
1
19
YSESD3Z3.3T1G
03W
-55 ~ 150
IR


Número de pieza similar - YSESD3Z12T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yea Shin Technology Co....
YSESD3Z12T1G YEASHIN-YSESD3Z12T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
YSESD3Z12T1G YEASHIN-YSESD3Z12T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
More results

Descripción similar - YSESD3Z12T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
   UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
   UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
   UNIDIRECTIONAL TVS DIODE
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
   Unidirectional TVS Diode
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
   UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
logo
Yea Shin Technology Co....
YSESD3Z36T1G YEASHIN-YSESD3Z36T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA15T1 LEIDITECH-SDA15T1 Datasheet
304Kb / 3P
   UNIDIRECTIONAL TVS DIODE
SDA0301P LEIDITECH-SDA0301P Datasheet
635Kb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
StarHope
TUSD05CU SPSEMI-TUSD05CU Datasheet
625Kb / 3P
   Unidirectional TVS Diode
logo
Shanghai Leiditech Elec...
SDA3601P LEIDITECH-SDA3601P Datasheet
636Kb / 3P
   UNIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com