Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTB030P06KH8-0-T6-G Datasheet(PDF) 6 Page - Cystech Electonics Corp.

No. de pieza MTB030P06KH8-0-T6-G
Descripción Electrónicos  P-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB030P06KH8-0-T6-G Datasheet(HTML) 6 Page - Cystech Electonics Corp.

Back Button MTB030P06KH8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp. MTB030P06KH8-0-T6-G Datasheet HTML 10Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C104H8
Issued Date : 2016.04.29
Revised Date :
Page No. : 6/10
MTB030P06KH8
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
10000
0
5
10
15
20
25
30
-VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Normalized Threshold Voltage vs Junction
Tempearture
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-75 -50 -25
0
25 50
75 100 125 150 175 200
Tj, Junction Temperature(°C)
ID=-250μA
ID=-1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
-ID, Drain Current(A)
VDS=-10V
Pulsed
TA=25°C
Gate Charge Characteristics
0
2
4
6
8
10
0
4
8
1216
20
2428
32
Qg, Total Gate Charge(nC)
VDS=-48V
ID=-6A
VDS=-30V
VDS=-15V
Maximum Safe Operating Area
0.1
1
10
100
1000
0.1
1
10
100
1000
-VDS, Drain-Source Voltage(V)
DC
10ms
100ms
1ms
100
μs
TC=25°C, Tj=175°C, VGS=-10V
RθJC=2°C/W, Single Pulse
Maximum Drain Current vs Case Temperature
0
5
10
15
20
25
30
35
40
25
50
75
100
125
150
175
200
TC, Case Temperature(°C)
VGS=-10V, RθJC=2°C/W


Número de pieza similar - MTB030P06KH8-0-T6-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTB030B03V8 CYSTEKEC-MTB030B03V8 Datasheet
476Kb / 9P
   Dual P-Channel Enhancement Mode MOSFET
MTB030B03V8-0-T6-G CYSTEKEC-MTB030B03V8-0-T6-G Datasheet
476Kb / 9P
   Dual P-Channel Enhancement Mode MOSFET
MTB030N03N3 CYSTEKEC-MTB030N03N3 Datasheet
715Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
MTB030N03N3-0-T1-G CYSTEKEC-MTB030N03N3-0-T1-G Datasheet
715Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
MTB030N04M3-0-T1-G CYSTEKEC-MTB030N04M3-0-T1-G Datasheet
642Kb / 9P
   40V N-Channel Enhancement Mode MOSFET
More results

Descripción similar - MTB030P06KH8-0-T6-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com