Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS72108TP-12 Datasheet(PDF) 7 Page - GSI Technology

No. de pieza GS72108TP-12
Descripción Electrónicos  256K x 8 2Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS72108TP-12 Datasheet(HTML) 7 Page - GSI Technology

Back Button GS72108TP-12 Datasheet HTML 3Page - GSI Technology GS72108TP-12 Datasheet HTML 4Page - GSI Technology GS72108TP-12 Datasheet HTML 5Page - GSI Technology GS72108TP-12 Datasheet HTML 6Page - GSI Technology GS72108TP-12 Datasheet HTML 7Page - GSI Technology GS72108TP-12 Datasheet HTML 8Page - GSI Technology GS72108TP-12 Datasheet HTML 9Page - GSI Technology GS72108TP-12 Datasheet HTML 10Page - GSI Technology GS72108TP-12 Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Rev: 1.08 7/2002
7/12
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS72108TP/J
Read Cycle 2: WE = VIH
* These parameters are sampled and are not 100% tested.
Write Cycle
Parameter
Symbol
-8
-10
-12
-15
Unit
Min Max Min Max Min Max Min Max
Write cycle time
tWC
8
10
12
15
ns
Address valid to end of write
tAW
5.5
7
8
10
ns
Chip enable to end of write
tCW
5.5
7
8
10
ns
Data set up time
tDW
4
5
6
7
ns
Data hold time
tDH
0
0
0
0
ns
Write pulse width
tWP
5.5
7
8
10
ns
Address set up time
tAS
0
0
0
0
ns
Write recovery time (WE)tWR
0
0
0
0
ns
Write recovery time (CE)tWR1
0
0
0
0
ns
Output Low Z from end of write
tWLZ*
3
3
3
3
ns
Write to output in High Z
tWHZ*
3.5
4
5
6ns
tAA
tRC
Address
tAC
tLZ
tOE
tOLZ
CE
OE
Data Out
tHZ
tOHZ
DATA VALID
High impedance


Número de pieza similar - GS72108TP-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
GS72108AGP-10 ETC1-GS72108AGP-10 Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108AGP-10I ETC1-GS72108AGP-10I Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108AGP-12 ETC1-GS72108AGP-12 Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108AGP-12I ETC1-GS72108AGP-12I Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108AGP-7 ETC1-GS72108AGP-7 Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results

Descripción similar - GS72108TP-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
   256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com