Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N139SD Datasheet(PDF) 11 Page - Fairchild Semiconductor

No. de pieza 6N139SD
Descripción Electrónicos  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N139SD Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button 6N139SD Datasheet HTML 7Page - Fairchild Semiconductor 6N139SD Datasheet HTML 8Page - Fairchild Semiconductor 6N139SD Datasheet HTML 9Page - Fairchild Semiconductor 6N139SD Datasheet HTML 10Page - Fairchild Semiconductor 6N139SD Datasheet HTML 11Page - Fairchild Semiconductor 6N139SD Datasheet HTML 12Page - Fairchild Semiconductor 6N139SD Datasheet HTML 13Page - Fairchild Semiconductor 6N139SD Datasheet HTML 14Page - Fairchild Semiconductor 6N139SD Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
www.fairchildsemi.com
Single-Channel: 6N138, 6N139 Dual-Channel: HCPL-2730, HCPL-2731 Rev. 1.0.0
Pulse Gen
CM
V
VFF
B
A
+-
+5 V
O
V
-
IF
3
4
F
V
2
1
Shield
Noise
6
O
5
GND
7
8
V
B
V
CC
V
L
R
PLH
OL
V
VO
5 V
1.5 V
F
I
1.5 V
T
PHL
T
Switch at A : I = 0 mA
F
Switch at B : I = 1.6 mA
F
tr
VO
O
V
OL
V
5 V
0 V
10%
10%
90%
CM
V
10 V
4
5
Noise
1
2
3
Shield
8
7
6
+5 V
O
V
VCC
V01
V02
GND
VF1
-
+
F2
V
F
I
+
10% DUTY CYCLE
I/f < 100 µS
F
I
MONITOR
L
R
0.1 µF
Pulse
Generator
tr = 5ns
Z = 50
O
V
GND
+
-
F2
V
VF1
-
+5 V
CC
V
L
V02
V
R
01
VO
VCM
A
B
Pulse Gen
F
I
+-
+
3
I Monitor
F
4
I/ < 100 s
10% D.C.
tr = 5ns
Generator
Pulse
Z = 50
f
O
VF
I
m
V
F
2
1
VO
O
6
5
GND
7
8
V
B
V
L
R
CC
V
+5 V
0.1 µF
L
C = 15 pF*
Test Circuit for 6N138, 6N139
0.1 µF
Test Circuit for HCPL-2730 and HCPL-2731
Test Circuit for 6N138 and 6N139
Test Circuit for HCPL-2730 and HCPL-2731
f
t
FF
V
m
R
Rm
90%
1
3
4
2
Shield
Noise
8
6
5
7
Shield
Noise
-
C = 15 pF*
L
0.1 µF
Fig. 22 Switching Time Test Circuit
Fig. 23 Common Mode Immunity Test Circuit


Número de pieza similar - 6N139SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N139SD FAIRCHILD-6N139SD Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N139SDM FAIRCHILD-6N139SDM Datasheet
442Kb / 14P
   Low current ??0.5mA
6N139SDV FAIRCHILD-6N139SDV Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
More results

Descripción similar - 6N139SD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com