Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-2731W Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza HCPL-2731W
Descripción Electrónicos  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-2731W Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button HCPL-2731W Datasheet HTML 2Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 3Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 4Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 5Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 6Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 7Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 8Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 9Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
www.fairchildsemi.com
Single-Channel: 6N138, 6N139 Dual-Channel: HCPL-2730, HCPL-2731 Rev. 1.0.0
Electrical Characteristics (TA = 25°C unless otherwise specified)
Current Limiting Resistor Calculations
R1 (Non-Invert) = VDD1 - VDF - VOL1
IF
R1 (Invert) = VDD1 - VOH1 - VDF
IF
R2 = VDD2 - = VOLX (@ IL - I2)
IL
Where:
VDD1 - Input Supply Voltage
VDD2 - Output Supply Voltage
VDF - Diode Forward Voltage
VOL1 - Logic “0” Voltage of Driver
VOH1 - Logic “1” Voltage of Driver
IF - Diode Forward Current
VOLX - Saturation Voltage of
Output Transistor
IL - Load Current Through
Resistor R2
I2 - Input Current of Output Gate
3
4
2
1
6
5
7
8
2
R
1
R
IN
OUT
VDD1
DD2
V
IN
4
3
2
5
6
7
R2
OUT
1
8
DD2
V
R1
Fig. 2 Non-Inverting Logic Interface
Fig. 3 Inverting Logic Interface
INPUT
R1 (V)
OUTPUT
CMOS
@ 5 V
CMOS
@ 10 V
74XX
74LXX
74SXX
74LSXX
74HXX
R2 (V)
R2 (V)
R2 (V)
R2 (V)
R2 (V)
R2 (V)
R2 (V)
CMOS
@ 5 V
NON-INV. 2000
1000
2200
750
1000
1000
1000
560
INV.
510
CMOS
@ 10 V
NON-INV. 5100
INV.
4700
74XX
NON-INV. 2200
INV.
180
74LXX
NON-INV. 1800
INV.
100
74SXX
NON-INV. 2000
INV.
360
74LSXX NON-INV. 2000
INV.
180
74HXX
NON-INV. 2000
INV.
180
Fig. 1 Resistor Values for Logic Interface


Número de pieza similar - HCPL-2731W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
HCPL-2731W FAIRCHILD-HCPL-2731W Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731WV FAIRCHILD-HCPL-2731WV Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
More results

Descripción similar - HCPL-2731W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com