Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA16846 Datasheet(PDF) 19 Page - Infineon Technologies AG

No. de pieza TDA16846
Descripción Electrónicos  ICs for Consumer Electronics
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16846 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TDA16846 Datasheet HTML 15Page - Infineon Technologies AG TDA16846 Datasheet HTML 16Page - Infineon Technologies AG TDA16846 Datasheet HTML 17Page - Infineon Technologies AG TDA16846 Datasheet HTML 18Page - Infineon Technologies AG TDA16846 Datasheet HTML 19Page - Infineon Technologies AG TDA16846 Datasheet HTML 20Page - Infineon Technologies AG TDA16846 Datasheet HTML 21Page - Infineon Technologies AG TDA16846 Datasheet HTML 22Page - Infineon Technologies AG TDA16846 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
TDA 16846
TDA 16847
Data Sheet
19
2000-01-14
5
Electrical Characteristics
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
5.1
Absolute Maximum Ratings
All voltages listed are referenced to ground (0 V,
V
SS) except where noted.
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Supply Voltage at Pin 14
V
CC
– 0.3
17
V
Voltage at Pin 1, 4, 5, 6, 7, 9, 10 –– 0.3
6
V
Voltage at Pin 2, 8, 11
–– 0.3
17
V
Voltage at Pin 3
Current into Pin 3
RZI
– 10
6V
mA
V
3 < – 0.3 V
Current into Pin 9
REF
– 1
mA
Current into Pin 13
OUT
– 100
100
mA
mA
V
13 > VCC
V
13 < 0 V
ESD Protection
––
2
kV
MIL STD 883C
method 3015.6,
100 pF, 1500
Storage Temperature
Tstg
– 65
125
°C
Operating Junction Temperature
TJ
– 25
125
°C
Thermal Resistance
Junction-Ambient
RthJA
110
K/W P-DIP-14-3
Soldering Temperature
––
260
°C
Soldering Time
––
10
s


Número de pieza similar - TDA16846

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846-2 INFINEON-TDA16846-2 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846 INFINEON-TDA16846_03 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
More results

Descripción similar - TDA16846

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
SDA5275P SIEMENS-SDA5275P Datasheet
142Kb / 30P
   ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
   Integrated consumer electronics control
logo
Silicon Laboratories
SI4770-77-A20 SILABS-SI4770-77-A20 Datasheet
419Kb / 54P
   HIGH-PERFORMANCE CONSUMER ELECTRONICS
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com