Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF6718L2PBF Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRF6718L2PBF
Descripción Electrónicos  Ultra Low Package Inductance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF6718L2PBF Datasheet(HTML) 3 Page - International Rectifier

  IRF6718L2PBF Datasheet HTML 1Page - International Rectifier IRF6718L2PBF Datasheet HTML 2Page - International Rectifier IRF6718L2PBF Datasheet HTML 3Page - International Rectifier IRF6718L2PBF Datasheet HTML 4Page - International Rectifier IRF6718L2PBF Datasheet HTML 5Page - International Rectifier IRF6718L2PBF Datasheet HTML 6Page - International Rectifier IRF6718L2PBF Datasheet HTML 7Page - International Rectifier IRF6718L2PBF Datasheet HTML 8Page - International Rectifier IRF6718L2PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF6718L2TR/TR1PbF
www.irf.com
3
Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient 
(At lower pulse widths ZthJA & ZthJC are combined)
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple incontact with top (Drain) of part.
ˆ Used double sided cooling, mounting pad with large heatsink.
Notes:
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Š Rθ is measured at TJ of approximately 90°C.
ƒ Surface mounted on 1 in. square Cu
board (still air).
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink. (still air)
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
Ri (°C/W)
τi (sec)
12.2942
18.10679
14.4246
2.626824
2.07265
0.007811
6.20859
0.239314
τ
J
τJ
τ1
τ
1
τ
2
τ2
τ3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci=
τi/Ri
Ci=
τi/Ri
τ
A
τA
τ
4
τ4
R
4
R
4
Absolute Maximum Ratings
Parameter
Units
PD @TA = 25°C
Power Dissipation
e
W
PD @TA = 70°C
Power Dissipation
e
PD @TC = 25°C
Power Dissipation
f
TP
Peak Soldering Temperature
°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
e
–––
35
RθJA
Junction-to-Ambient
j
12.5
–––
RθJA
Junction-to-Ambient
k
20
–––
°C/W
RθJC
Junction-to-Case
fl
–––
1.8
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Linear Derating Factor
W/°C
0.029
270
-55 to + 175
Max.
83
4.3
3.0


Número de pieza similar - IRF6718L2PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
   RoHS Compliant Containing No Lead and Bromide
More results

Descripción similar - IRF6718L2PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF8304MPBF IRF-IRF8304MPBF_15 Datasheet
279Kb / 9P
   Ultra Low Package Inductance
IRF8327SPBF IRF-IRF8327SPBF_15 Datasheet
264Kb / 10P
   Ultra Low Package Inductance
IRF8301MPBF IRF-IRF8301MPBF_15 Datasheet
344Kb / 10P
   Ultra-low Package Inductance
IRF6710S2PBF IRF-IRF6710S2PBF Datasheet
307Kb / 10P
   Ultra Low Package Inductance
logo
TDK Electronics
CLLE1AX7S0G225M-0.95 TDK-CLLE1AX7S0G225M-0.95 Datasheet
936Kb / 13P
   Ultra Low Inductance Capacitors
logo
International Rectifier
IRF6636 IRF-IRF6636 Datasheet
238Kb / 9P
   Low Resistance and Low Charge Along With Ultra Low Package Inductance to Reduce
logo
Cree, Inc
CAS325M12HM2 CREE-CAS325M12HM2 Datasheet
1Mb / 7P
   Ultra Low Loss, Low (5 nH) Inductance
logo
M/A-COM Technology Solu...
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
   Ultra Low Parasitic Capacitance and Inductance
logo
Vincotech
10-PZ123BA080MR-M909L28Y VINCOTECH-10-PZ123BA080MR-M909L28Y Datasheet
574Kb / 16P
   Ultra Low Inductance with integrated DC-capacitors
10-PZ12NMA027ME-M340F63Y VINCOTECH-10-PZ12NMA027ME-M340F63Y Datasheet
3Mb / 28P
   Ultra Low Inductance with Integrated DC-capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com