Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33989 Datasheet(PDF) 6 Page - Motorola, Inc

No. de pieza MC33989
Descripción Electrónicos  System Basis Chip With High Speed CAN Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33989 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC33989 Datasheet HTML 2Page - Motorola, Inc MC33989 Datasheet HTML 3Page - Motorola, Inc MC33989 Datasheet HTML 4Page - Motorola, Inc MC33989 Datasheet HTML 5Page - Motorola, Inc MC33989 Datasheet HTML 6Page - Motorola, Inc MC33989 Datasheet HTML 7Page - Motorola, Inc MC33989 Datasheet HTML 8Page - Motorola, Inc MC33989 Datasheet HTML 9Page - Motorola, Inc MC33989 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
MC33989
6
MC33989
STATE MACHINE TIMING
note 1: delay starts at falling edge of clock cycle #8 of the SPI command and start of “Turn on” or “Turn off” of HS1 or V2.
Delay between CSB low to high transis-
tion (at end of SPI stop command) and
Stop mode activation
Tcsb-stop
18
34
us
Guaranteed by design
detected by V2 off
Interrupt low level duration
Tint
7
10
13
us
SBC in stop mode
Internal oscillator frequency
Osc-f1
100
kHz
All modes except Sleep
and Stop, guaranted by
design
Internal low power oscillator frequency
Osc-f2
100
kHz
Sleep and Stop modes,
guaranted by design
Watchdog period 1
Wd1
8.58
9.75
10.92
ms
Normal and standby modes
Watchdog period 2
Wd2
39.6
45
50.4
ms
Normal and standby modes
Watchdog period 3
Wd3
88
100
112
ms
Normal and standby modes
Watchdog period 4
Wd4
308
350
392
ms
Normal and standby modes
Watchdog period accuracy
F1acc
-12
12
%
Normal and standby modes
Normal request mode timeout
NRtout
308
350
392
ms
Normal request mode
Watchdog period 1 - stop
Wd1stop
6.82
9.75
12.7
ms
Stop mode
Watchdog period 2- stop
Wd2stop
31.5
45
58.5
ms
Stop mode
Watchdog period 3 - stop
Wd3stop
70
100
130
ms
Stop mode
Watchdog period 4 - stop
Wd4stop
245
350
455
ms
Stop mode
Stop mode watchdog period accuracy
F2acc
-30
30
%
Stop mode
Cyclic sense/FWU timing 1
CSFWU1
3.22
4.6
5.98
ms
Sleep and stop modes
Cyclic sense/FWU timing 2
CSFWU2
6.47
9.25
12
ms
Sleep and stop modes
Cyclic sense/FWU timing 3
CSFWU3
12.9
18.5
24
ms
Sleep and stop modes
Cyclic sense/FWU timing 4
CSFWU4
25.9
37
48.1
ms
Sleep and stop modes
Cyclic sense/FWU timing 5
CSFWU5
51.8
74
96.2
ms
Sleep and stop modes
Cyclic sense/FWU timing 6
CSFWU6
66.8
95.5
124
ms
Sleep and stop modes
Cyclic sense/FWU timing 7
CSFWU7
134
191
248
ms
Sleep and stop modes
Cyclic sense/FWU timing 8
CSFWU8
271
388
504
ms
Sleep and stop modes
Cyclic sense On time
Ton
200
350
500
us
in sleep and stop modes
threshold and condition to
be added
Cyclic sense/FWU timing accuracy
Tacc
-30
+30
%
in sleep and stop mode
Delay between SPI command and HS1
turn on (note 1)
Ts-HSon
22
us
Normal or standby mode
Vsup>9V
Delay between SPI command and HS1
turn off (note 1)
Ts-HSoff
22
us
Normal or standby mode
Vsup>9V
Delay between SPI and V2 turn on
(note 1)
Ts-V2on
9
22
us
Standby mode
Delay between SPI and V2 turn off
(note 1)
Ts-V2off
9
22
us
Normal modes
Delay between Normal Request and Nor-
mal mode, after W/D trigger command
Ts-NR2N
15
35
70
us
Normal request mode
Delay between SPI and “CAN normal
mode”
Ts-CANn
10
us
SBC Normal mode
guaranteed by design
Delay between SPI and “CAN sleep
mode”
Ts-CANs
10
us
SBC Normal mode
guaranteed by design
(Vsup From 5.5V to 18V and Tamb -40°C to 125°C)
For all pins except CANH, CANL, Tx and Rx which are described in the CAN module section
Description
Symbol
Characteristics
Unit
Conditions
Min
Typ
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Número de pieza similar - MC33989

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
Freescale Semiconductor...
MC33989DW FREESCALE-MC33989DW Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
MC33989DWR2 FREESCALE-MC33989DWR2 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
More results

Descripción similar - MC33989

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
NXP Semiconductors
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com