Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD23011BUW Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

No. de pieza LD23011BUW
Descripción Electrónicos  2.30 inch Single Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGHTKEY [LightKey Optoelectronics Ltd.]
Página de inicio  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD23011BUW Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD23011BUW Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD23011BUW Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD23011BUW Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121746
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.30 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD23011A (Common Cathode)
LD23011B (Common Anode)
7
A
6
B
4
C
DP
3
D
2
E
G
9
F
10
8
1,5
7
A
4
6
B
C
DP
2
3
D
E
910
G
F
8
1,5
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 56.80mm(2.30inch), External Dimensions:
47.80x69.70x12.00mm (L x W x H )
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Cathode
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD23011AR
LD23011BR
GaAlAs
Super Red
640
24
30
12
15
LD23011AD
LD23011BD
GaAlAs
Hi-Red
640
54
75
27
37.5
LD23011AO
LD23011BO
GaAsP
Orange
625
21
27
10.5
13.5
LD23011AY
LD23011BY
GaAsP
Yellow
588
24
30
12
15
LD23011AG
LD23011BG
GaP
Green
568
21
27
10.5
13.5
LD23011AUR
LD23011BUR
AlGaInP
Ultra Red
640
90
135
45
67.5
LD23011AUO
LD23011BUO
AlGaInP
Ultra Orange
625
135
180
67.5
90
LD23011AUA
LD23011BUA
AlGaInP
Ultra Amber
605
90
135
45
67.5
LD23011AUY
LD23011BUY
AlGaInP
Ultra Yellow
595
90
135
45
67.5
LD23011AUG
LD23011BUG
AlGaInP
Ultra Green
573
90
135
45
67.5
LD23011APG
LD23011BPG
InGaN
Pure Green
525
360
900
180
450
LD23011AUB
LD23011BUB
InGaN
Ultra Blue
470
90
135
45
67.5
LD23011AUW
LD23011BUW
InGaN
Ultra White
\
300
360
150
180
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Número de pieza similar - LD23011BUW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LD23011BURUG LIGHTKEY-LD23011BURUG Datasheet
91Kb / 3P
   1.80 inch Single Digit 7 Segment LED Display
More results

Descripción similar - LD23011BUW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LightKey Optoelectronic...
LD23011IJ LIGHTKEY-LD23011IJ Datasheet
157Kb / 3P
   2.30 inch Single Digit 7 Segment LED Display
LD5011ABRG LIGHTKEY-LD5011ABRG Datasheet
92Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD10012AB LIGHTKEY-LD10012AB Datasheet
164Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD10016AB LIGHTKEY-LD10016AB Datasheet
156Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD6011AB LIGHTKEY-LD6011AB Datasheet
160Kb / 3P
   0.60 inch Single Digit 7 Segment LED Display
LD30012IJ LIGHTKEY-LD30012IJ Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD10016CD LIGHTKEY-LD10016CD Datasheet
157Kb / 3P
   1.00 inch Single Digit 7 Segment LED Display
LD5022AB LIGHTKEY-LD5022AB Datasheet
171Kb / 3P
   0.50 inch Single Digit 7 Segment LED Display
LD12011ABRG LIGHTKEY-LD12011ABRG Datasheet
92Kb / 3P
   1.20 inch Single Digit 7 Segment LED Display
LD15011AB LIGHTKEY-LD15011AB Datasheet
157Kb / 3P
   1.50 inch Single Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com