Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1020 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

No. de pieza 2SK1020
Descripción Electrónicos  Drain Current ?밒D=30A@ TC=25C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1020 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1020 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1020 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1020
·ELECTRICAL CHARACTERISTICS (T
C=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 1mA
500
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID=1mA
2.5
3.5
5.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS=10V; ID=15A
0.18
0.25
Ω
IGSS
Gate Source Leakage Current
VGS= ±30V;VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=500V; VGS= 0
500
uA
VSD
Forward On-Voltage
IS=30A; VGS=0
1.1
1.70
V
tr
Rise time
VGS=10V;ID=30A;
RL=25Ω
300
450
ns
ton
Turn-on time
360
450
ns
tf
Fall time
300
1350
ns
toff
Turn-off time
900
400
ns
PDF pdfFactory Pro
www.fineprint.cn


Número de pieza similar - 2SK1020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
More results

Descripción similar - 2SK1020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK851 ISC-2SK851 Datasheet
66Kb / 2P
   Drain Current ?밒D=30A@ TC=25C
2SK1454 ISC-2SK1454 Datasheet
67Kb / 2P
   Drain Current ?밒D=30A@ TC=25C
2SK1675 ISC-2SK1675 Datasheet
67Kb / 2P
   Drain Current ?밒D=30A@ TC=25C
2SK1676 ISC-2SK1676 Datasheet
67Kb / 2P
   Drain Current ?밒D=30A@ TC=25C
2SK1520 ISC-2SK1520 Datasheet
67Kb / 2P
   Drain Current ?밒D=30A@ TC=25C
2SK1519 ISC-2SK1519 Datasheet
67Kb / 2P
   Drain Current ?밒D=30A@ TC=25C
2SK529 ISC-2SK529 Datasheet
66Kb / 2P
   Drain Current ?밒D=2A@ TC=25C
2SK635 ISC-2SK635 Datasheet
64Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
2SK1680 ISC-2SK1680 Datasheet
67Kb / 2P
   Drain Current ?밒D=20A@ TC=25C
2SK1461 ISC-2SK1461 Datasheet
68Kb / 2P
   Drain Current ?밒D=5A@ TC=25C
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com