Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N4748A Datasheet(PDF) 2 Page - Comchip Technology |
|
1N4748A Datasheet(HTML) 2 Page - Comchip Technology |
2 / 3 page www.comchiptech.com COMCHIP COMCHIP MDS0312003A Page 2 1.0W Zener Diode 1.0W Zener Diode Type Number Nominal Zener Voltage (Note 2) Test Current Maximum Zener Impedance (Note 3) Maximum Reverse Leakage Current Max Surge Current 8.3ms Temperature Coefficient @ IZT VZ @ IZT IZT ZZT @ IZT ZZK @ IZK IZK IR @VR IZS (V) (mA) ( W) ( W) (mA) (µA) (V) (mA) %/°C 1N4728A 3.3 76 10 400 1.0 100 1.0 1380 -0.08 to -0.05 1N4729A 3.6 69 10 400 1.0 100 1.0 1260 -0.08 to -0.05 1N4730A 3.9 64 9.0 400 1.0 50 1.0 1190 -0.07 to -0.02 1N4731A 4.3 58 9.0 400 1.0 10 1.0 1070 -0.07 to -0.01 1N4732A 4.7 53 8.0 500 1.0 10 1.0 970 -0.03 to +0.04 1N4733A 5.1 49 7.0 550 1.0 10 1.0 890 -0.01 to +0.04 1N4734A 5.6 45 5.0 600 1.0 10 2.0 810 0 to +0.045 1N4735A 6.2 41 2.0 700 1.0 10 3.0 730 +0.01 to +0.055 1N4736A 6.8 37 3.5 700 1.0 10 4.0 660 +0.015 to +0.06 1N4737A 7.5 34 4.0 700 0.5 10 5.0 605 +0.02 to +0.065 1N4738A 8.2 31 4.5 700 0.5 10 6.0 550 0.03 to 0.07 1N4739A 9.1 28 5.0 700 0.5 10 7.0 500 0.035 to 0.075 1N4740A 10 25 7.0 700 0.25 10 7.6 454 0.04 to 0.08 1N4741A 11 23 8.0 700 0.25 5.0 8.4 414 0.045 to 0.08 1N4742A 12 21 9.0 700 0.25 5.0 9.1 380 0.045 to 0.085 1N4743A 13 19 10 700 0.25 5.0 9.9 344 0.05 to 0.085 1N4744A 15 17 14 700 0.25 5.0 11.4 304 0.055 to 0.09 1N4745A 16 15.5 16 700 0.25 5.0 12.2 285 0.055 to 0.09 1N4746A 18 14 20 750 0.25 5.0 13.7 250 0.06 to 0.09 1N4747A 20 12.5 22 750 0.25 5.0 15.2 225 0.06 to 0.09 1N4748A 22 11.5 23 750 0.25 5.0 16.7 205 0.06 to 0.095 1N4749A 24 10.5 25 750 0.25 5.0 18.2 190 0.06 to 0.095 1N4750A 27 9.5 35 750 0.25 5.0 20.6 170 0.06 to 0.095 1N4751A 30 8.5 40 1000 0.25 5.0 22.8 150 0.06 to 0.095 1N4752A 33 7.5 45 1000 0.25 5.0 25.1 135 0.06 to 0.095 1N4753A 36 7.0 50 1000 0.25 5.0 27.4 125 0.06 to 0.095 1N4754A 39 6.5 60 1000 0.25 5.0 29.7 115 0.06 to 0.095 1N4755A 43 6.0 70 1500 0.25 5.0 32.7 110 0.06 to 0.095 1N4756A 47 5.5 80 1500 0.25 5.0 35.8 95 0.06 to 0.095 1N4757A 51 5.0 95 1500 0.25 5.0 38.8 90 0.06 to 0.095 1N4758A 56 4.5 110 2000 0.25 5.0 42.6 80 0.06 to 0.095 1N4759A 62 4.0 125 2000 0.25 5.0 47.1 70 0.06 to 0.095 1N4760A 68 3.7 150 2000 0.25 5.0 51.7 65 0.06 to 0.095 1N4761A 75 3.3 175 2000 0.25 5.0 56.0 60 0.06 to 0.095 1N4762A 82 3.0 200 3000 0.25 5.0 62.2 55 ¾ 1N4763A 91 2.8 250 3000 0.25 5.0 69.2 50 ¾ 1N4764A 100 2.5 350 3000 0.25 5.0 76.0 45 ¾ Notes: 2. Measured under thermal equilibrium and dc (IZT) test conditions. 3. The Zener impedance is derived from the 60 Hz ac voltage which results when an ac current having an rms value equal to 10% of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units. Electrical Characteristics @ TA = 25°C unless otherwise specified |
Número de pieza similar - 1N4748A |
|
Descripción similar - 1N4748A |