Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CBC-EVAL-12-34123 Datasheet(PDF) 1 Page - Cymbet Corporation

No. de pieza CBC-EVAL-12-34123
Descripción Electrónicos  EnerChip??RTC Evaluation Kit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYMBET [Cymbet Corporation]
Página de inicio  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC-EVAL-12-34123 Datasheet(HTML) 1 Page - Cymbet Corporation

  CBC-EVAL-12-34123 Datasheet HTML 1Page - Cymbet Corporation CBC-EVAL-12-34123 Datasheet HTML 2Page - Cymbet Corporation CBC-EVAL-12-34123 Datasheet HTML 3Page - Cymbet Corporation CBC-EVAL-12-34123 Datasheet HTML 4Page - Cymbet Corporation CBC-EVAL-12-34123 Datasheet HTML 5Page - Cymbet Corporation CBC-EVAL-12-34123 Datasheet HTML 6Page - Cymbet Corporation CBC-EVAL-12-34123 Datasheet HTML 7Page - Cymbet Corporation CBC-EVAL-12-34123 Datasheet HTML 8Page - Cymbet Corporation CBC-EVAL-12-34123 Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2013 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-35 V0.7
Page 1 of 14
CBC-EVAL-12-34123
System Features and Overview
CBC-EVAL-12-34123 is a demonstration kit featuring
the Cymbet CBC34123 EnerChip RTC - an integrated
surface mount device combining an NXP PCF2123
Real-Time Clock (RTC), power management circuit,
and solid state rechargeable EnerChip providing 30
hours of backup power to the RTC.
The kit demonstrates just how compact an RTC with
integrated backup power can be using the low profile
surface mount device from Cymbet. The combined
solution occupies only 0.25 cm2 of board space.
CBC-EVAL-12-34123 has the following elements:
• Low power RTC with SPI-interface bus
• Solid state rechargeable energy storage for real-
time clock backup power
• Power fail detect with automatic switchover from
main power to integrated backup power source
• Integrated battery management that controls
battery charging and discharge cutoff, ensuring
maximum service life of the on-board storage cell
• USB connector for easy demonstration and
application development on personal computer
• Input/output access to board for easy connection
to external microcontroller
Figure 2: CBC-EVAL-12-34123 Demo Kit.
Preliminary
EnerChip™ RTC Evaluation Kit
Real-Time Clock with Integrated Backup Power
Figure 1: CBC-EVAL-12-34123 Block Diagram.
Smallest RTC Power Backup Footprint
The block diagram of Figure 1 illustrates the CBC-
EVAL-12-34123, an extremely compact low power
RTC with integrated backup power source.
EVAL-12 Graphical User Interface
The CBC-EVAL-12-34123 includes a PC-based software
application that communicates with the USB stick.
Users can set the time of day, date, and countdown
timer values to experiment with RTC power-back-up.
The application also allows the user access to the RTC
registers for viewing and modification. The software
works with Microsoft Windows XP, Windows 7, and
Windows 8 operating systems. Once the EVAL-12 USB
stick is inserted into the PC, the Connect button is
clicked in the GUI to establish communication over the
USB port. The entire USB stick or just the CBC34123
Tab Board can then be removed from the PC and the
RTC will be powered by the EnerChip rechargeable solid
state battery that is integrated within the CBC34123
5mm x 5mm QFN package on the CBC34123 Tab Board.
Figure 2 shows the USB Interface Board to the left, and
the CBC34123 EnerChip RTC Tab Board to the right.
Cymbet EnerChip and
Power Management
Solid state backup power
source with integrated
power management
USB interface
circuit and
connector
NXP PCF2123
Real-Time Clock
CBC34123
EnerChip RTC
5-pin computer
interface to
CBC34123
Full Access to RTC
Registers!
Graphical User Interface
for Easy Application
Development!


Número de pieza similar - CBC-EVAL-12-34123

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cymbet Corporation
CBC-EVAL-12-34803 CYMBET-CBC-EVAL-12-34803 Datasheet
280Kb / 7P
   Using CBC348xx EnerChip RTC in High Accuracy Applications
CBC-EVAL-12-34803 CYMBET-CBC-EVAL-12-34803 Datasheet
326Kb / 5P
   Extend Battery Life by Reducing System Power using the EnerChip RTC
CBC-EVAL-12-34813 CYMBET-CBC-EVAL-12-34813 Datasheet
981Kb / 9P
   SPI Real-Time Clock/Calendar with Integrated Backup Power
CBC-EVAL-12-34813 CYMBET-CBC-EVAL-12-34813 Datasheet
280Kb / 7P
   Using CBC348xx EnerChip RTC in High Accuracy Applications
CBC-EVAL-12-34813 CYMBET-CBC-EVAL-12-34813 Datasheet
326Kb / 5P
   Extend Battery Life by Reducing System Power using the EnerChip RTC
More results

Descripción similar - CBC-EVAL-12-34123

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cymbet Corporation
DS-72-37 CYMBET-DS-72-37 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
DS-72-39 CYMBET-DS-72-39 Datasheet
4Mb / 14P
   EnerChip??RTC Evaluation Kit
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
DS-72-14 CYMBET-DS-72-14 Datasheet
2Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
CBC-EVAL-05 CYMBET-CBC-EVAL-05 Datasheet
795Kb / 4P
   EnerChip??CC CBC3112 & CBC3150 Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11_12 Datasheet
1Mb / 8P
   EnerChip CC Inductive Charging Evaluation Kit
DS-72-40 CYMBET-DS-72-40 Datasheet
2Mb / 17P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC-EVAL-06 CYMBET-CBC-EVAL-06 Datasheet
1Mb / 11P
   EnerChip??CC Real-Time Clock Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com