Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CBC050-M8C Datasheet(PDF) 9 Page - Cymbet Corporation

No. de pieza CBC050-M8C
Descripción Electrónicos  EnerChip??CC Energy Harvester Evaluation Kit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYMBET [Cymbet Corporation]
Página de inicio  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC050-M8C Datasheet(HTML) 9 Page - Cymbet Corporation

Back Button CBC050-M8C Datasheet HTML 5Page - Cymbet Corporation CBC050-M8C Datasheet HTML 6Page - Cymbet Corporation CBC050-M8C Datasheet HTML 7Page - Cymbet Corporation CBC050-M8C Datasheet HTML 8Page - Cymbet Corporation CBC050-M8C Datasheet HTML 9Page - Cymbet Corporation CBC050-M8C Datasheet HTML 10Page - Cymbet Corporation CBC050-M8C Datasheet HTML 11Page - Cymbet Corporation CBC050-M8C Datasheet HTML 12Page - Cymbet Corporation CBC050-M8C Datasheet HTML 13Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CBC-EVAL-10B EnerChip CC EH Evaluation Kit
©2014 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-40 Rev C
Page 9 of 17
Input Circuit Description
The input circuit of the CBC-EVAL-10B consists of input capacitor C8 (12), Power On Reset (POR) circuit U3 and
U5, Diodes D5 and D13, capacitor C11 and resistor R7. The input circuit is designed to allow the CBC-EVAL-10B
to smoothly start up with small solar cells in very low lighting conditions while protecting the CBC- EVAL-10B
circuitry as well as the user load circuitry from overvoltage conditions caused by larger solar cells in direct
sunlight The circuit consists of two section: the input impedance buffer and the overvoltage clamp.
The input impedance buffer is mainly U3 which has a very low input leakage current and, when paired with the
input capacitor C8(C12 optional) provides a very light load to the solar cell on startup. The CBC3150 on the
CBC5100 module can normally be used without this input buffer with large solar cells or use-cases that assure
solar cell output current of over 70uA during startup. The CBC3150 ASIC, like most other ICs, can demand
many times more than its rated 3uA quiescent current as it reaches its internal startup voltage, typically below
2 volts. POR circuit U3 presents a load of under 1uA to the solar cell provided C8 is large enough to prevent
oscillation. When U3 reaches its switching voltage of 2.7 volts it raises its VOUT pin which then powers the rest
of the CBC-EVAL-10B circuitry with as much current as it needs to break through the startup current surge. After
the CBC3150 ASIC has been started, it only draws its rated quiescent current during the rest of the operation.
The overvoltage clamp consists of U5, D13, D5, C11, and R7. The diodes are used to make U5 switch at
a higher voltage simply to avoid using two different voltage POR circuits on the input circuit. The diode
arrangement makes the clamp go off at input voltages above 3.3V. When VOUT of U5 switches high, it shunts
current from the solar cell and the input capacitor C8(C12) to ground until the input voltage drops below 3.3
Volts. The CBC3150 ASIC turns on its charge pump at 3.0 volts with the default setup of R2 and R3. When
the charge pump turns on the current from the input capacitor is boosted and sent to the EnerChips for
charging. Normal operation will show the input voltage to vary between 2.9 and 3.0 volts which presents a 3.0V
operating point for the input solar cell. The solar cell should be selected to have a peak power point at near
3.0V for maximum efficiency.
Output Circuit Description
The output circuit of the CBC-EVAL-10B consists of pulse current output capacitor C5 (C7,C8 optional), Power
On Reset (POR) circuit U4 , diodes D4 and D6, transistor Q3,switch S2, and resistors R9,10,and 11. The output
circuit is designed to allow the pulse current output capacitors to charge up to a minimum output voltage
without the load drawing down the solar cell or EnerChips before switching the output on which presents a very
low impedance power source to the user load to break through any startup current requirements. Without this
circuit, a user load could get stuck drawing so much current from the relatively high impedance solar cell and
EnerChips that it could never break through the voltage level needed to escape the initial startup current pulse.
The circuit operates by monitoring the pulse current output capacitors until they reach a sufficient voltage
determined by U4 where the RESET line of U4 turns on the output transistor Q3B which switches the output on
and Q3A latches the output on. Once the output is on, the RESET output of U4 lowers when the capacitors are
above the threshold voltage and rises when not which, if switch S2 is depressed, will modulate LED D6 for a
visual indication of the output state. The speed that D6 blinks is a measure of how fast the output capacitor is
recharging, which is proportional to the amount of energy coming from the EnerChips and solar cell.
Careful selection of the message protocol for the RF link can have a significant impact on the overall
power budget. In many cases, using higher power analog circuits that can be turned on, settle quickly, and
immediately turned off can decrease the overall energy consumed. Microcontroller clock frequency can also
have a significant impact on the power budget.


Número de pieza similar - CBC050-M8C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cymbet Corporation
CBC050-M8C CYMBET-CBC050-M8C Datasheet
1,001Kb / 4P
   Rechargeable Solid State Energy Storage: 50uAh, 3.8V
CBC050-M8C CYMBET-CBC050-M8C Datasheet
1Mb / 15P
   EnerChip??EP Universal Energy Harvester Eval Kit
CBC050-M8C CYMBET-CBC050-M8C Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
CBC050-M8C CYMBET-CBC050-M8C Datasheet
985Kb / 4P
   Rechargeable Solid State Energy Storage: 50關Ah, 3.8V
CBC050-M8C CYMBET-CBC050-M8C Datasheet
1Mb / 15P
   EnerChip EP Universal Energy Harvester Eval Kit
More results

Descripción similar - CBC050-M8C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cymbet Corporation
CBC-EVAL-10 CYMBET-CBC-EVAL-10 Datasheet
1Mb / 15P
   EnerChip??CC Energy Harvester Evaluation Kit
logo
List of Unclassifed Man...
CBC-EVAL-08 ETC2-CBC-EVAL-08 Datasheet
548Kb / 11P
   EnerChip??EH Solar Energy Harvester Evaluation Kit
logo
Cymbet Corporation
CBC-EVAL-08 CYMBET-CBC-EVAL-08_10 Datasheet
620Kb / 11P
   EnerChip??EH Solar Energy Harvester Evaluation Kit
CBC-EVAL-05B CYMBET-CBC-EVAL-05B Datasheet
817Kb / 7P
   EnerChip CC Evaluation Kit
CBC-EVAL-09 CYMBET-CBC-EVAL-09 Datasheet
1Mb / 15P
   EnerChip??EP Universal Energy Harvester Eval Kit
CBC-EVAL-09 CYMBET-CBC-EVAL-09_13 Datasheet
1Mb / 15P
   EnerChip EP Universal Energy Harvester Eval Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11 Datasheet
1Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
DS-72-14 CYMBET-DS-72-14 Datasheet
2Mb / 8P
   EnerChip??CC Inductive Charging Evaluation Kit
CBC-EVAL-05 CYMBET-CBC-EVAL-05 Datasheet
795Kb / 4P
   EnerChip??CC CBC3112 & CBC3150 Evaluation Kit
CBC-EVAL-11 CYMBET-CBC-EVAL-11_12 Datasheet
1Mb / 8P
   EnerChip CC Inductive Charging Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com