Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM25V02A-DG Datasheet(PDF) 10 Page - Cypress Semiconductor

No. de pieza FM25V02A-DG
Descripción Electrónicos  256-Kbit (32K 횞 8) Serial (SPI) F-RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V02A-DG Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button FM25V02A-DG Datasheet HTML 6Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 7Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 8Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 9Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 10Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 11Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 12Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 13Page - Cypress Semiconductor FM25V02A-DG Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
FM25V02A
Document Number: 001-90865 Rev. *F
Page 10 of 23
HOLD Pin Operation
The HOLD pin can be used to interrupt a serial operation without
aborting it. If the bus master pulls the HOLD pin LOW while SCK
is LOW, the current operation will pause. Taking the HOLD pin
HIGH while SCK is LOW will resume an operation. The
transitions of HOLD must occur while SCK is LOW, but the SCK
and CS pin can toggle during a hold state.
Sleep Mode
A low-power sleep mode is implemented on the FM25V02A
device. The device will enter the low-power state when the
SLEEP opcode B9h is clocked-in and a rising edge of CS is
applied. When in sleep mode, the SCK and SI pins are ignored
and SO will be HI-Z, but the device continues to monitor the CS
pin. On the next falling edge of CS, the device will return to
normal operation within tREC time. The SO pin remains in a HI-Z
state during the wakeup period. The device does not necessarily
respond to an opcode within the wakeup period. To start the
wakeup procedure, the controller may send a “dummy” read, for
example, and wait the remaining tREC time.
Figure 14. HOLD Operation [2]
CS
SCK
HOLD
SO
SI
VALID IN
VALID IN
Figure 15. Sleep Mode Operation
CS
SCK
SI
SO
HI-Z
0
Enters Sleep Mode
VALID IN
t
SU
t
REC Recovers from Sleep Mode
10
1
1
1
0
0
1
1
2
3
4
5
6
7
Note
2. Figure 14 shows the HOLD operation for input mode and output mode.


Número de pieza similar - FM25V02A-DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02-DG RAMTRON-FM25V02-DG Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
More results

Descripción similar - FM25V02A-DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com