Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQP7N60 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FQP7N60
Descripción Electrónicos  The Use of QFETs in a Flyback Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP7N60 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQP7N60 Datasheet HTML 1Page - Fairchild Semiconductor FQP7N60 Datasheet HTML 2Page - Fairchild Semiconductor FQP7N60 Datasheet HTML 3Page - Fairchild Semiconductor FQP7N60 Datasheet HTML 4Page - Fairchild Semiconductor FQP7N60 Datasheet HTML 5Page - Fairchild Semiconductor FQP7N60 Datasheet HTML 6Page - Fairchild Semiconductor FQP7N60 Datasheet HTML 7Page - Fairchild Semiconductor FQP7N60 Datasheet HTML 8Page - Fairchild Semiconductor FQP7N60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Rev D, July 2000
Figure 5 compares the waveforms of a conventional MOSFET with the new QFET(FQP7N60) at
turn-off without the additional clamped circuit (R5, C6, and D2), and the high conduction diode (D4)
for gate discharging (refer to Figure 3).
Figure 5: Turn-off Improvement at Rated Conditions (Vin=220VAC, Pout=60W)
Note that the switching time of the QFET is faster than that of the conventional MOSFET because
of the reduction of gate charge by at least 45 percent. Figure 6 shows the difference in turn-off loss
between both MOSFETs without clamped circuits and the conduction diode, D4. The turn-on loss
in the crossover losses is very small and can be negligible. The turn-off loss period is due to the
finite switching time of the MOSFET which is directly related to the gate charge.
Figure 6: Turn-off Loss Improvement
Conventional
MOSFET
QFET
Id(0.5A/div)
Vds(100V/div)
/div
Conventional
MOSFET
QFET
/div


Número de pieza similar - FQP7N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQP7N60 FAIRCHILD-FQP7N60 Datasheet
581Kb / 8P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP7N60 ISC-FQP7N60 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Descripción similar - FQP7N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
AN9008 FAIRCHILD-AN9008 Datasheet
130Kb / 9P
   The Use of QFETs in a Flyback Converter
logo
STMicroelectronics
AN2252 STMICROELECTRONICS-AN2252 Datasheet
439Kb / 21P
   The flyback converter is a popular choice in applications where the required power
logo
Aries Electronics, Inc.
XX-666000-00 ARIES-XX-666000-00 Datasheet
501Kb / 1P
   Allows the use of a narrow package IC in place of a wide one
logo
PHOENIX CONTACT
1424713 PHOENIX-1424713 Datasheet
81Kb / 3P
   Safe use in the field, thanks to a high degree of protection
logo
Vishay Siliconix
AN728 VISHAY-AN728 Datasheet
91Kb / 10P
   Designing A Flyback Converter with Si9113 for Feeding the TE from U-Interface In ISDN
29-Feb-00
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
Tyco Electronics
408-8980 MACOM-408-8980 Datasheet
897Kb / 8P
   These instructions cover the installation and use of the kits listed in the table in Figure 1.
logo
ON Semiconductor
AND8099 ONSEMI-AND8099 Datasheet
215Kb / 8P
   5.0 V, 2.0 A Flyback Converter
February, 2003 - Rev. 2
AND8349-D ONSEMI-AND8349-D Datasheet
237Kb / 6P
   Automotive Applications The Use of Discrete
May, 2009 ??Rev. 1
logo
Omron Electronics LLC
D6B-2 OMRON-D6B-2 Datasheet
147Kb / 9P
   The vast majority of Omron ECB products use the date code as shown in Method A (next slide).
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com