Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2225-80-E Datasheet(PDF) 6 Page - Renesas Technology Corp

No. de pieza 2SK2225-80-E
Descripción Electrónicos  High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2225-80-E Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SK2225-80-E Datasheet HTML 1Page - Renesas Technology Corp 2SK2225-80-E Datasheet HTML 2Page - Renesas Technology Corp 2SK2225-80-E Datasheet HTML 3Page - Renesas Technology Corp 2SK2225-80-E Datasheet HTML 4Page - Renesas Technology Corp 2SK2225-80-E Datasheet HTML 5Page - Renesas Technology Corp 2SK2225-80-E Datasheet HTML 6Page - Renesas Technology Corp 2SK2225-80-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SK2225-80-E
R07DS1275EJ0100 Rev.1.00
Page 6 of 6
Jun 22, 2015
Package Dimensions
Ordering Information
Orderable Part No.
Quantity
Shipping Container
2SK2225-80-E#T2
30 pcs
Tube
Unit: mm
15.5 ± 0.2
5.5 ± 0.2
3.0 ± 0.2
5.45 typ.
5.45 typ.
2.0 ± 0.2
2.0 ± 0.2
3.3 ± 0.2
0.75
0.9
+0.2
0.1
+0.2
0.1
3.6 ± 0.2
Previous Code
PRSS0003ZD-A
TO-3PFS
TO-3PF
MASS[Typ.]
5.5g
RENESAS Code
JEITA Package Code
Package Name


Número de pieza similar - 2SK2225-80-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SK2225-80-E RENESAS-2SK2225-80-E_16 Datasheet
359Kb / 7P
   1500V - 2A - MOS FET
More results

Descripción similar - 2SK2225-80-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
2SK579 HITACHI-2SK579 Datasheet
49Kb / 1P
   HIGH SPEED POWER SWITCHING
2SK2424 HITACHI-2SK2424 Datasheet
13Kb / 2P
   High speed power switching
2SK415 HITACHI-2SK415 Datasheet
56Kb / 1P
   HIGH SPEED POWER SWITCHING
2SK549 HITACHI-2SK549 Datasheet
46Kb / 1P
   HIGH SPEED POWER SWITCHING
logo
Inchange Semiconductor ...
2SK2115 ISC-2SK2115 Datasheet
60Kb / 2P
   High speed power switching
logo
Renesas Technology Corp
RJK4002DPD RENESAS-RJK4002DPD Datasheet
82Kb / 7P
   High Speed Power Switching
RJK6011DJE RENESAS-RJK6011DJE Datasheet
94Kb / 7P
   High Speed Power Switching
2SK3147L RENESAS-2SK3147L_15 Datasheet
246Kb / 8P
   High Speed Power Switching
RJK1590DP3-A0 RENESAS-RJK1590DP3-A0 Datasheet
246Kb / 8P
   High Speed Power Switching
logo
Hitachi Semiconductor
2SK429L HITACHI-2SK429L Datasheet
48Kb / 1P
   HIGH SPEED POWER SWITCHING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com