Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK12C68-5L45I Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza STK12C68-5L45I
Descripción Electrónicos  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

STK12C68-5L45I Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STK12C68-5L45I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STK12C68
October 2003
3
Document Control # ML0008 rev 0.4
SRAM READ CYCLES #1 & #2
(VCC = 5.0V ± 10%)e
Note g: W and HSB must be high during SRAM READ cycles.
Note h: Device is continuously selected with E and G both low.
Note i:
Measured
± 200mV from steady state output voltage.
SRAM READ CYCLE #1: Address Controlledg, h
SRAM READ CYCLE #2: E Controlledg
NO.
SYMBOLS
PARAMETER
STK12C68-25
STK12C68-35
STK12C68-45
STK12C68-55
UNITS
#1, #2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
1tELQV
tACS
Chip Enable Access Time
25
35
45
55
ns
2tAVAVg
tRC
Read Cycle Time
25
35
45
55
ns
3tAVQVh
tAA
Address Access Time
25
35
45
55
ns
4tGLQV
tOE
Output Enable to Data Valid
10
15
20
35
ns
5tAXQXh
tOH
Output Hold after Address Change
5
5
5
5
ns
6tELQX
tLZ
Chip Enable to Output Active
5
5
5
5
ns
7tEHQZi
tHZ
Chip Disable to Output Inactive
10
10
12
12
ns
8tGLQX
tOLZ
Output Enable to Output Active
0
0
0
0
ns
9tGHQZi
tOHZ
Output Disable to Output Inactive
10
10
12
12
ns
10
tELICCHf
tPA
Chip Enable to Power Active
0
0
0
0
ns
11
tEHICCLf
tPS
Chip Disable to Power Standby
25
35
45
55
ns
DATA VALID
5
tAXQX
3
tAVQV
DQ (DATA OUT)
ADDRESS
2
tAVAV
6
tELQX
STANDBY
DATA VALID
8
tGLQX
4
tGLQV
DQ (DATA OUT)
E
ADDRESS
2
tAVAV
G
ICC
ACTIVE
1
tELQV
10
tELICCH
11
tEHICCL
7
tEHQZ
9
tGHQZ


Número de pieza similar - STK12C68-5L45I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK12C68-5L45M ETC-STK12C68-5L45M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
More results

Descripción similar - STK12C68-5L45I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com