Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK12C68-5L45I Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza STK12C68-5L45I
Descripción Electrónicos  8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

STK12C68-5L45I Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STK12C68-5L45I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 9Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 10Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 11Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 12Page - List of Unclassifed Manufacturers STK12C68-5L45I Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STK12C68
October 2003
9
Document Control # ML0008 rev 0.4
SOFTWARE NONVOLATILE RECALL
A software RECALL cycle is initiated with a sequence
of READ operations in a manner similar to the soft-
ware STORE initiation. To initiate the RECALL cycle,
the following sequence of E controlled READ opera-
tions must be performed:
1. Read address
0000 (hex)
Valid READ
2. Read address
1555 (hex)
Valid READ
3. Read address
0AAA (hex)
Valid READ
4. Read address
1FFF (hex)
Valid READ
5. Read address
10F0 (hex)
Valid READ
6. Read address
0F0E (hex)
Initiate RECALL cycle
Internally, RECALL is a two-step procedure. First, the
SRAM
data is cleared, and second, the nonvolatile
information is transferred into the SRAM cells. After
the t
RECALL cycle time the SRAM will once again be
ready for READ and WRITE operations. The RECALL
operation in no way alters the data in the Nonvolatile
Elements. The nonvolatile data can be recalled an
unlimited number of times.
AutoStore™ OPERATION
The STK12C68 can be powered in one of three
modes.
During
normal
AutoStore™
operation,
the
STK12C68 will draw current from V
CCX to charge a
capacitor connected to the V
CAP pin. This stored
charge will be used by the chip to perform a single
STORE
operation. After power up, when the voltage
on the V
CAP pin drops below VSWITCH, the part will
automatically disconnect the V
CAP pin from VCCX and
initiate a STORE operation.
Figure 2 shows the proper connection of capacitors
for automatic store operation. A charge storage
capacitor having a capacity of between 68
µF and
220
µF (± 20%) rated at 6V should be provided.
In system power mode (Figure 3), both V
CCX and
V
CAP are connected to the + 5V power supply without
the 68
µF capacitor. In this mode the AutoStore™
function of the STK12C68 will operate on the stored
system charge as power goes down. The user must,
however, guarantee that V
CCX does not drop below
3.6V during the 10ms STORE cycle.
If an automatic STORE on power loss is not required,
then V
CCX can be tied to ground and + 5V applied to
V
CAP
(Figure 4). This is the AutoStore™ Inhibit
mode, in which the AutoStore™ function is disabled.
If the STK12C68 is operated in this configuration,
references to V
CCX
should be changed to V
CAP
throughout this data sheet. In this mode, STORE
operations may be triggered through software con-
trol or the HSB pin. It is not permissable to change
between these three options “on the fly”.
In order to prevent unneeded STORE operations,
automatic STOREs as well as those initiated by
externally driving HSB low will be ignored unless at
least one WRITE operation has taken place since the
most recent STORE or RECALL cycle. Software-
initiated STORE cycles are performed regardless of
whether a WRITE operation has taken place. An
optional pull-up resistor is shown connected to HSB.
This can be used to signal the system that the
AutoStore™ cycle is in progress.
Figure 2: AutoStore™ Mode
+
1
14
28
27
26
15
Figure 3: System Power Mode
1
14
28
27
26
15
Figure 4: AutoStore™
Inhibit Mode
1
14
28
27
26
15
*If HSB is not used, it should be left unconnected.
Figure 4: AutoStore™
Inhibit Mode
1
14
28
27
26
15


Número de pieza similar - STK12C68-5L45I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK12C68-5L45M ETC-STK12C68-5L45M Datasheet
72Kb / 10P
   CMOS NV SRAM 8K X 8 AUTOSTORE NONVOLATILE STATIC RAM
More results

Descripción similar - STK12C68-5L45I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com