Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24C21ZD4ITE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor

No. de pieza CAT24C21ZD4ITE13
Descripción Electrónicos  1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C21ZD4ITE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24C21ZD4ITE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C21ZD4ITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C21ZD4ITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C21ZD4ITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C21ZD4ITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C21ZD4ITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C21ZD4ITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C21ZD4ITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C21ZD4ITE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAT24C21
3
Doc. No. 1032, Rev. O
A.C. CHARACTERISTICS
VCC = 2.5 V to 5.5 V, unless otherwise specified. Industrial temperature range.
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mx
a
Ms
t
i
n
U
e
d
o
M
y
l
n
o
-
t
i
m
s
n
a
r
T
T
A
A
V
K
L
C
V
m
o
r
f
d
il
a
v
t
u
p
t
u
O5
.
0s
µ
T
H
G
I
H
V
h
g
i
h
K
L
C
V6
.
0s
µ
T
W
O
L
V
w
o
l
K
L
C
V3
.
1s
µ
T
Z
H
V
n
o
i
t
i
s
n
a
r
t
e
d
o
M5
.
0s
µ
T
U
P
V
p
u
-
r
e
w
o
p
y
l
n
o
-
t
i
m
s
n
a
r
T0
s
n
s
t
i
m
i
L
e
l
c
y
C
e
t
i
r
W
&
d
a
e
R
F
L
C
S
y
c
n
e
u
q
e
r
F
k
c
o
l
C0
0
4z
H
k
T
I
)
1
(
,
L
C
S
t
a
t
n
a
t
s
n
o
C
e
m
i
T
n
o
i
s
s
e
r
p
p
u
S
e
s
i
o
N
s
t
u
p
n
I
A
D
S
0
0
1s
n
t
A
A
t
u
O
K
C
A
d
n
a
t
u
O
a
t
a
D
A
D
S
o
t
w
o
L
L
C
S1
s
µ
t
F
U
B
)
1
(
w
e
N
a
e
r
o
f
e
B
e
e
r
F
e
b
t
s
u
M
s
u
B
e
h
t
e
m
i
T
t
r
a
t
S
n
a
C
n
o
i
s
s
i
m
s
n
a
r
T
2
.
1s
µ
t
A
T
S
:
D
H
e
m
i
T
d
l
o
H
n
o
i
t
i
d
n
o
C
t
r
a
t
S6
.
0s
µ
t
W
O
L
d
o
i
r
e
P
w
o
L
k
c
o
l
C2
.
1s
µ
t
H
G
I
H
d
o
i
r
e
P
h
g
i
H
k
c
o
l
C6
.
0s
µ
t
A
T
S
:
U
S
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
t
r
a
t
S6
.
0s
µ
t
T
A
D
:
D
H
e
m
i
T
d
l
o
H
n
I
a
t
a
D0
s
n
t
T
A
D
:
U
S
e
m
i
T
p
u
t
e
S
n
I
a
t
a
D0
5s
n
t
R
)
1
(
e
m
i
T
e
s
i
R
L
C
S
d
n
a
A
D
S3
.
0s
µ
t
F
)
1
(
e
m
i
T
ll
a
F
L
C
S
d
n
a
A
D
S0
0
3s
n
t
O
T
S
:
U
S
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
p
o
t
S6
.
0s
µ
t
H
D
e
m
i
T
d
l
o
H
t
u
O
a
t
a
D0
0
1s
n
g
n
i
m
i
T
p
U
-
r
e
w
o
P
)
2
(
)
1
(
t
R
U
P
n
o
i
t
a
r
e
p
O
d
a
e
R
o
t
p
u
-
r
e
w
o
P1
s
m
t
W
U
P
n
o
i
t
a
r
e
p
O
e
t
i
r
W
o
t
p
u
-
r
e
w
o
P1
s
m
s
t
i
m
i
L
e
l
c
y
C
e
t
i
r
W
t
R
W
e
m
i
T
e
l
c
y
C
e
t
i
r
W5
s
m
The write cycle time is the time from a valid stop condition
of a write sequence to the end of the internal program/
erase cycle. During the write cycle, the bus interface
circuits are disabled, SDA is allowed to remain high, and
the device does not respond to its slave address.


Número de pieza similar - CAT24C21ZD4ITE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT24C21ZD4I ONSEMI-CAT24C21ZD4I Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
CAT24C21ZD4I-GT3 ONSEMI-CAT24C21ZD4I-GT3 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
CAT24C21ZD4I-T3 ONSEMI-CAT24C21ZD4I-T3 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
More results

Descripción similar - CAT24C21ZD4ITE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT24C21WI ONSEMI-CAT24C21WI Datasheet
140Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
CAT24C21 ONSEMI-CAT24C21 Datasheet
163Kb / 14P
   1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
logo
STMicroelectronics
ST24LC21B STMICROELECTRONICS-ST24LC21B Datasheet
159Kb / 22P
   1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
ST24LC21 STMICROELECTRONICS-ST24LC21 Datasheet
149Kb / 18P
   1Kb x8 DUAL MODE SERIAL EEPROM for VESA Plug&Play
logo
Rohm
BR34E02-3 ROHM-BR34E02-3 Datasheet
791Kb / 33P
   Serial EEPROM Series Standard EEPROM Plug & Play EEPROM
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com