Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP1320-099 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

No. de pieza SMP1320-099
Descripción Electrónicos  PIN Diode Chips Supplied on Film Frame
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1320-099 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SMP1320-099_16 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1320-099_16 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1320-099_16 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1320-099_16 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1320-099_16 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DATA SHEET
• PIN DIODE CHIPS SUPPLIED ON FILM FRAME
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
January 5, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200140L
Table 1. PIN Diode Chips Absolute Maximum Ratings1
Parameter
Symbol
Minimum
Maximum
Units
Reverse voltage
VR
Voltage rating
V
Power dissipation @ 25
°C at the base of the chip
PD
250
mW
Operating temperature
TOP
–65
+150
°C
Storage temperature
TSTG
–65
+150
°C
Electrostatic discharge:
Human Body Model (HBM), Class 1C
ESD
1000
V
1 Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters set
at or below their nominal value.
CAUTION: Although these devices are designed to be as robust as possible, electrostatic discharge (ESD) can damage them. These
devices must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the
human body or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all
times.
Table 2. PIN Diode Chips Electrical Specifications1
(TOP = 25
°C)
Part Number
I Region
(
μm)
Nominal
Voltage Rating
(V)
Max CJ
(pF)
VR = 30 V,
f = 1 MHz
Typ VF
(mV)
@ IF = 10 mA
Max RS
(
Ω)
IF = 1 mA,
f = 100 MHz
Max RS
(
Ω)
IF = 10 mA,
f = 100 MHz
Typ TL
(ns)
IF = 10 mA
Application
SMP1320-099
7
50
0.175
850
2 typ
0.9
400
Switch
SMP1321-099
12
100
0.150
860
3 typ
2.0
400
Switch
SMP1322-099
7
50
0.850
825
1.5
0.45 typ
400
Switch
SMP1331-099
30
200
0.16
800
14.5
1.7 typ
600
Switch and
attenuator
SMP1340-099
5
50
0.15 @ 10 V
880
1.7 typ
1.2
100
Switch
SMP1353-099
50
200
0.13 @ 20 V
850
15
2.8
2000
Switch and
attenuator
SMP1302-099
50
200
0.15
800
17 typ
3
700
Switch and
attenuator
SMP1304-099
100
200
0.15
800
50
7
1000
Attenuator
SMP1307-099
175
200
0.20
850
75 typ
15
1500
Attenuator
1 Performance is guaranteed only under the conditions listed in this table.
Reverse current is specified @ 10
μA maximum at the voltage rating. This voltage should not be exceeded.
The PIN diodes listed here are processed on 100 mm silicon wafers, 100% DC tested, saw cut, and shipped on 6-inch film frame hoops.
Electrical rejects are identified with black ink on the film frame.
Attenuators are 100% series resistance tested @ 1 mA/100 MHz.


Número de pieza similar - SMP1320-099_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMP1320-099 SKYWORKS-SMP1320-099 Datasheet
243Kb / 5P
   PIN Diode Chips Supplied on Film Frame
More results

Descripción similar - SMP1320-099_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMP1320-099 SKYWORKS-SMP1320-099 Datasheet
243Kb / 5P
   PIN Diode Chips Supplied on Film Frame
SMS3926-099 SKYWORKS-SMS3926-099 Datasheet
259Kb / 5P
   Schottky Diode Quad Mixer Chips Supplied on Film Frame
logo
Tyco Electronics
MA4P150 MACOM-MA4P150 Datasheet
506Kb / 5P
   PIN Diode Chips
logo
Skyworks Solutions Inc.
APD0505-000 SKYWORKS-APD0505-000 Datasheet
138Kb / 4P
   Silicon PIN Diode Chips
logo
M/A-COM Technology Solu...
MA4GP022-277 MA-COM-MA4GP022-277 Datasheet
338Kb / 6P
   GaAs PIN Diode Chips
logo
Tyco Electronics
MA4BPS101 MACOM-MA4BPS101 Datasheet
83Kb / 4P
   PIN Diode Chips with Offset Bond Pads
logo
NIC-Components Corp.
NSWCHIGHERVOLTAGE NIC-NSWCHIGHERVOLTAGE Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWCHV NIC-NSWCHV Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSHC NIC-NSHC Datasheet
103Kb / 6P
   Stacked Film Capacitor Chips
logo
M/A-COM Technology Solu...
PINDIODESCHIPS MA-COM-PINDIODESCHIPS_15 Datasheet
383Kb / 7P
   Silicon PIN Chips
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com