Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1555DL Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza SI1555DL
Descripción Electrónicos  Complementary Low-Threshold MOSFET Pair
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1555DL Datasheet(HTML) 6 Page - Vishay Siliconix

  SI1555DL Datasheet HTML 1Page - Vishay Siliconix SI1555DL Datasheet HTML 2Page - Vishay Siliconix SI1555DL Datasheet HTML 3Page - Vishay Siliconix SI1555DL Datasheet HTML 4Page - Vishay Siliconix SI1555DL Datasheet HTML 5Page - Vishay Siliconix SI1555DL Datasheet HTML 6Page - Vishay Siliconix SI1555DL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Si1555DL
Vishay Siliconix
www.vishay.com
6
Document Number: 71079
S-21374—Rev. C, 12-Aug-02
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P−CHANNEL
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VDS = 4 V
ID = 0.57 A
VGS = 4.5 V
ID = 0.57 A
Gate Charge
Qg - Total Gate Charge (nC)
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.5
1.0
1.5
2.0
0
1234
5
TJ = 150_C
TJ = 25_C
ID = 0.57 A
1
0.1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
0
3
5
1
2
Single Pulse Power
Time (sec)
4
1
100
600
10
10-1
10-2
10-3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
-50
-25
0
25
50
75
100
125
150
ID = 250 mA
Threshold Voltage
TJ - Temperature (_C)


Número de pieza similar - SI1555DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1555DL VISHAY-SI1555DL Datasheet
111Kb / 8P
   Complementary Low-Threshold MOSFET Pair
S-50245-Rev. D, 21-Feb-05
SI1555DL VISHAY-SI1555DL Datasheet
236Kb / 12P
   Complementary Low-Threshold MOSFET Pair
Rev. E, 03-May-10
SI1555DL VISHAY-SI1555DL Datasheet
109Kb / 8P
   Complementary Low-Threshold MOSFET Pair
01-Jan-2022
SI1555DL-T1 VISHAY-SI1555DL-T1 Datasheet
111Kb / 8P
   Complementary Low-Threshold MOSFET Pair
S-50245-Rev. D, 21-Feb-05
SI1555DL-T1-E3 VISHAY-SI1555DL-T1-E3 Datasheet
111Kb / 8P
   Complementary Low-Threshold MOSFET Pair
S-50245-Rev. D, 21-Feb-05
More results

Descripción similar - SI1555DL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
KI1555DL KEXIN-KI1555DL Datasheet
55Kb / 2P
   Complementary Low-Threshold MOSFET Pair
logo
Vishay Siliconix
SI1555DL VISHAY-SI1555DL_10 Datasheet
236Kb / 12P
   Complementary Low-Threshold MOSFET Pair
Rev. E, 03-May-10
SI1555DL VISHAY-SI1555DL_08 Datasheet
111Kb / 8P
   Complementary Low-Threshold MOSFET Pair
S-50245-Rev. D, 21-Feb-05
SI1555DL VISHAY-SI1555DL_V01 Datasheet
109Kb / 8P
   Complementary Low-Threshold MOSFET Pair
01-Jan-2022
SI1563DH VISHAY-SI1563DH_08 Datasheet
95Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-21483-Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH_08 Datasheet
160Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-80257-Rev. C, 04-Feb-08
SI1563DH VISHAY-SI1563DH_V01 Datasheet
145Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563DH VISHAY-SI1563DH Datasheet
66Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH Datasheet
64Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
logo
Guangdong Kexin Industr...
KI1563DH KEXIN-KI1563DH Datasheet
58Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com