Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CSC04B03MZPA Datasheet(PDF) 1 Page - Vishay Siliconix |
|
CSC04B03MZPA Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 6 page CSC www.vishay.com Vishay Dale Revision: 03-May-13 1 Document Number: 31509 For technical questions, contact: ff2aresistors@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP FEATURES • Isolated, bussed and dual terminator schematics available • Body height: “A” profile = 0.195" (4.95 mm) and “B” profile = 0.295" (7.50 mm) standard; custom “C” profile = 0.350" (8.89 mm) also available • “A” profile standard in 4 thru 12 pins • Thick film resistive elements • Reduces total assembly costs • Resistor elements protected by tough epoxy conformal coating • Wide resistance range (10 to 2.2 M) • Available in bulk pack as standard; optional tube pack is also available • Meets EIA/ECA-CB23 rev. G whisker test requirements for class 1A products • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 Note * This datasheet provides information about parts that are RoHS-compliant and/or parts that are non-RoHS-compliant. For example, parts with lead (Pb) terminations are not RoHS-compliant. Please see the information/tables in this datasheet for details. Notes • See derating curves for package power rating (1) For resistor power ratings at + 25 °C see derating curves (2) ± 2 % standard, ± 1 % and ± 5 % available (3) Continuous working voltage shall be or maximum working voltage, whichever is less Available STANDARD ELECTRICAL SPECIFICATIONS GLOBAL MODEL/ SCHEMATIC PACKAGE HEIGHT POWER RATING ELEMENT (1) P70 °C W RESISTANCE RANGE TEMPERATURE COEFFICIENT (- 55 °C to + 125 °C) ± ppm/°C TOLERANCE (2) ± % TEMP. COEFFICIENT TRACKING (1) (- 55 °C to + 125 °C) ± ppm/°C MAX. WORKING VOLTAGE (3) VDC CSCxxx01 A0.20 10 to 50 250 1, 2, 5 50 100 50.1 to 2.2M 100 B0.25 10 to 50 250 50.1 to 2.2M 100 CSCxxx03 A0.30 10 to 50 250 1, 2, 5 50 100 50.1 to 2.2M 100 B0.40 10 to 50 250 50.1 to 2.2M 100 CSCxxx05 A0.20 10 to 50 250 1, 2, 5 150 100 50.1 to 2.2M 100 B0.25 10 to 50 250 50.1 to 2.2M 100 P x R |
Número de pieza similar - CSC04B03MZPA |
|
Descripción similar - CSC04B03MZPA |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |