Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP1345-004LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

No. de pieza SMP1345-004LF
Descripción Electrónicos  Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1345-004LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SMP1345-004LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1345-004LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1345-004LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1345-004LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1345-004LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1345-004LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1345-004LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1345-004LF Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DATA SHEET • SMP1345 SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
August 6, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200046S
Electrical and Mechanical Specifications
The absolute maximum ratings of the SMP1345 series are
provided in Table 2. Electrical specifications are provided in
Table 3.
Typical performance characteristics of the SMP1345 series are
illustrated in Figures 1 to 6.
Table 2. SMP1345 Series Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
Reverse voltage
VR
50
V
Power dissipation @ 25
°C lead temperature
PD
250
mW
Storage temperature
TSTG
–65
+150
C
Operating temperature
TA
–65
+150
C
Electrostatic discharge:
Human Body Model (HBM), Class 1B
ESD
1000
V
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SMP1345 Series Electrical Specifications (Note 1)
(TA = +25
C, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Reverse current
IR
VR = 50 V
10
μA
Capacitance
CT
F = 1 MHz:
V = 1 V
V = 5 V
0.19
0.18
0.20
pF
pF
Resistance
RS
F = 100 MHz:
I = 1 mA
I = 10 mA
3.5
1.5
2.0
Ω
Ω
Forward voltage
VF
IF = 10 mA
0.89
V
Carrier lifetime
TI
IF = 10 mA
100
ns
I region width
10
μm
Note 1: Performance is guaranteed only under the conditions listed in this table.


Número de pieza similar - SMP1345-004LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMP1345-004LF SKYWORKS-SMP1345-004LF Datasheet
942Kb / 13P
   SMP1345 Series Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
More results

Descripción similar - SMP1345-004LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1345-040LF SKYWORKS-SMP1345-040LF Datasheet
942Kb / 13P
   SMP1345 Series Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
SMPA1345-040LF SKYWORKS-SMPA1345-040LF Datasheet
586Kb / 6P
   Very Low Capacitance, Plastic-Packaged Silicon PIN Diode
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com