Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IXYN120N65C3D1 Datasheet(PDF) 6 Page - IXYS Corporation

No. de pieza IXYN120N65C3D1
Descripción Electrónicos  International Standard Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYN120N65C3D1 Datasheet(HTML) 6 Page - IXYS Corporation

  IXYN120N65C3D1 Datasheet HTML 1Page - IXYS Corporation IXYN120N65C3D1 Datasheet HTML 2Page - IXYS Corporation IXYN120N65C3D1 Datasheet HTML 3Page - IXYS Corporation IXYN120N65C3D1 Datasheet HTML 4Page - IXYS Corporation IXYN120N65C3D1 Datasheet HTML 5Page - IXYS Corporation IXYN120N65C3D1 Datasheet HTML 6Page - IXYS Corporation IXYN120N65C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYN120N65C3D1
Fig. 20. Inductive Turn-on Switching Times vs.
Collector Current
20
30
40
50
60
70
80
90
100
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
20
22
24
26
28
30
32
34
36
t r i
td(on) - - - -
RG = 2Ω , VGE = 15V
VCE = 400V
TJ = 25ºC
TJ = 150ºC
Fig. 21. Inductive Turn-on Switching Times vs.
Junction Temperature
0
20
40
60
80
100
120
140
25
50
75
100
125
150
TJ - Degrees Centigrade
24
26
28
30
32
34
36
38
t r i
td(on) - - - -
RG = 2Ω , VGE = 15V
VCE = 400V
I C = 100A
I C = 50A
Fig. 19. Inductive Turn-on Switching Times vs.
Gate Resistance
0
20
40
60
80
100
120
140
160
2
4
6
8
10
12
14
RG - Ohms
10
20
30
40
50
60
70
80
90
t r i
td(on) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 50A
I C = 100A


Número de pieza similar - IXYN120N65C3D1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
IXYN120N65B3D1 IXYS-IXYN120N65B3D1 Datasheet
222Kb / 7P
   International Standard Package
More results

Descripción similar - IXYN120N65C3D1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IXYS Corporation
IXYH75N65C3H1 IXYS-IXYH75N65C3H1 Datasheet
237Kb / 7P
   International Standard Package
IXYN150N60B3 IXYS-IXYN150N60B3 Datasheet
215Kb / 6P
   International Standard Package
IXYN100N65B3D1 IXYS-IXYN100N65B3D1 Datasheet
229Kb / 7P
   International Standard Package
logo
Micro Commercial Compon...
MT160C08T2 MCC-MT160C08T2 Datasheet
546Kb / 5P
   International standard package
logo
IXYS Corporation
IXYN75N65C3D1 IXYS-IXYN75N65C3D1 Datasheet
228Kb / 7P
   International Standard Package
IXYN100N65C3H1 IXYS-IXYN100N65C3H1 Datasheet
231Kb / 7P
   International Standard Package
logo
Micro Commercial Compon...
MT130CB08T2 MCC-MT130CB08T2 Datasheet
553Kb / 6P
   International standard package
logo
IXYS Corporation
IXYH75N65C3 IXYS-IXYH75N65C3 Datasheet
232Kb / 6P
   International Standard Package
IXYH75N65C3D1 IXYS-IXYH75N65C3D1 Datasheet
243Kb / 7P
   International Standard Package
IXYN120N65B3D1 IXYS-IXYN120N65B3D1 Datasheet
222Kb / 7P
   International Standard Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com