Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7530KN Datasheet(PDF) 6 Page - National Semiconductor (TI) |
|
|
AD7530KN Datasheet(HTML) 6 Page - National Semiconductor (TI) |
6 / 14 page Typical Applications (Continued) TLH5689 – 5 VOUT ebVREF A12aA24a a A10 1024 b 1 1024 J where AN ea1ifAN input is high AN eb1ifAN input is low COMPLEMENTARY OFFSET BINARY (BIPOLAR) OPERATION DIGITAL INPUT VOUT 0000000000 a VREF 0000000001 VREF c 10221024 0111111111 VREF c 21024 1000000000 0 1000000001 b VREF c 21024 1111111111 bVREF (10221024) Note that IOUT 1 a IOUT 2 e VREF RLADDER c 1023 1024 J By doubling the output range we get half the resolution The 10M resistor adds a 1 LSB ‘‘thump’’ to allow full offset binary operation where the out- put reaches zero for the half-scale code If symmetrical output excursions are required omit the 10M resistor FIGURE 7 Bipolar 4-Quadrant Multiplying Configuration Operational Amplifiers VOS Adjust (Figure 7 ) a) Switch all the digital inputs high adjust the VOS potenti- ometer of op amp B to bring its output to a value equal tob(VREF 1024) (V) b) Switch the MSB high and the remaining digital inputs low Adjust the VOS potentiometer of op amp A to bring its output value to withina1mV from ground potential For VREF k 10V a finer adjust is necessary as already mentioned in the previous application Gain Adjust (Full-Scale Adjust) Assuming that the external 10k resistors are matched to better than 01% the gain adjust of the circuit is the same with the one previously discussed TLH5689 – 6 TRUE OFFSET BINARY OPERATION DIGITAL INPUT VOUT 1111111111VREF c 10221024 1000000000 0 0000000000 b VREF ts e 18 ms use LM336 for a voltage reference FIGURE 8 Bipolar Configuration with a Single Op Amp R4 e (2AVb b 1) R R2 R1 e AVb AVb b 1 R3 a R1 llR2 e R AVb e VOUT(PEAK) VREF R e 20k Example VREF e 2V VOUT (swing) j g10V AVb e 5V Then R4 e 9R R1 e 08 R2 If R1 e 02R then R2 e 025R R3 e 064R FIGURE 9 Bipolar Configuration with Increased Output Swing http www nationalcom 6 |
Número de pieza similar - AD7530KN |
|
Descripción similar - AD7530KN |