Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC1219LCJ Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza DAC1219LCJ
Descripción Electrónicos  12-Bit Binary Multiplying D/A Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1219LCJ Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DAC1219LCJ Datasheet HTML 1Page - National Semiconductor (TI) DAC1219LCJ Datasheet HTML 2Page - National Semiconductor (TI) DAC1219LCJ Datasheet HTML 3Page - National Semiconductor (TI) DAC1219LCJ Datasheet HTML 4Page - National Semiconductor (TI) DAC1219LCJ Datasheet HTML 5Page - National Semiconductor (TI) DAC1219LCJ Datasheet HTML 6Page - National Semiconductor (TI) DAC1219LCJ Datasheet HTML 7Page - National Semiconductor (TI) DAC1219LCJ Datasheet HTML 8Page - National Semiconductor (TI) DAC1219LCJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Application Hints
The DAC1218 and DAC1219 are pin-for-pin compatible with
the DAC1220 series but feature 12 and 11-bit linearity spec-
ifications To preserve this degree of accuracy care must
be taken in the selection and adjustments of the output am-
plifier and reference voltage Careful PC board layout is im-
portant with emphasis made on compactness of compo-
nents to prevent inadvertent noise pickup and utilization of
single point grounding and supply distribution
10 BASIC CIRCUIT DESCRIPTION
Figure 1 illustrates the R-2R current switching ladder net-
work used in the DAC1218 and DAC1219 As a function of
the logic state of each digital input the binarily weighted
current in each leg of the ladder is switched to either IOUT1
or IOUT2 The voltage potential at IOUT1 and IOUT2 must be
at zero volts to keep the current in each leg the same inde-
pendent of the switch state
The switches operate with a small voltage drop across them
and can therefore conduct currents of either polarity This
permits the reference to be positive or negative thereby
allowing 4-quadrant multiplication by the digital input word
The reference can be a stable DC source or a bipolar AC
signal within the range of g10V for specified accuracy with
an absolute maximum range of g25V The reference can
also exceed the applied VCC of the DAC
The maximum output current from either IOUT1 or IOUT2 is
equal to
VREF(max)
R
4095
4096
J
where R is the reference input resistance (typically 15 kX)
A high level on any digital input steers current to IOUT1 and
a low level steers current to IOUT2
20 CREATING A UNIPOLAR OUTPUT VOLTAGE
(A DIGITAL ATTENUATOR)
To generate an output voltage and keep the potential at the
current output terminals at 0V an op amp current to voltage
converter is used As shown in
Figure 2 the current from
IOUT1 flows through the feedback resistor forcing a propor-
tional voltage at the amplifier output The voltage at IOUT1 is
held at a virtual ground potential The feedback resistor is
provided on the chip and should always be used as it
matches and tracks the R value of the R-2R ladder The
output voltage is the opposite polarity of the applied refer-
ence voltage
21 Amplifier Considerations
To maintain linearity of the output voltage with changing
digital input codes the input offset voltage of the amplifier
must be nulled
The resistance from IOUT1 to ground
(RIOUT1) varies non-linearly with the applied digital code
from a minimum of R with all ones applied to the input to
near % with an all zeros code Any offset voltage between
the amplifier inputs appears at the output with a gain of
1 a
RF
RIOUT1
Since RIOUT1 varies with the input code any offset will de-
grade output linearity (See Note 4 of Electrical Characteris-
tics)
If the desired amplifier does not have offset balancing pins
available (it could be part of a dual or quad package) the
nulling circuit of
Figure 3 can be used The voltage at the
non-inverting input will be set to b VOS initially to force the
inverting input to 0V The common technique of summing
current into the amplifier summing junction cannot be used
as it directly introduces a zero code output current error
TLH5691 – 4
Note
Switches shown in digital high state
FIGURE 1 The R-2R Current Switching Ladder Network
5


Número de pieza similar - DAC1219LCJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DAC1210 NSC-DAC1210 Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
logo
Texas Instruments
DAC1210 TI1-DAC1210 Datasheet
612Kb / 20P
[Old version datasheet]   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
National Semiconductor ...
DAC1210LCJ NSC-DAC1210LCJ Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC1210LCJ NSC-DAC1210LCJ Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
Texas Instruments
DAC1210LCJ TI1-DAC1210LCJ Datasheet
612Kb / 20P
[Old version datasheet]   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
More results

Descripción similar - DAC1219LCJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
logo
Texas Instruments
DAC1020 TI1-DAC1020_11 Datasheet
307Kb / 16P
[Old version datasheet]   10-Bit Binary Multiplying D/A Converter
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
   12-Bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
AD7541 INTERSIL-AD7541 Datasheet
53Kb / 8P
   12-Bit, Multiplying D/A Converter
August 1997
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
   12-Bit, Multiplying D/A Converter
May 2002
logo
NEC
UPD7002 NEC-UPD7002 Datasheet
139Kb / 4P
   12-Bit Binary A/D Converter
logo
Maxim Integrated Produc...
MX7541 MAXIM-MX7541 Datasheet
179Kb / 4P
   CMOS 12 Bit Multiplying D/A Converter
19-0940; Rev 1; 7/95
MX7541A MAXIM-MX7541A Datasheet
317Kb / 8P
   CMOS 12 Bit Multiplying D/A Converter
19-0941; Rev 2; 7/95
logo
Analog Devices
AD394 AD-AD394_15 Datasheet
626Kb / 12P
   Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com