Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN4040B-IS350 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FAN4040B-IS350
Descripción Electrónicos  Precision Micropower Shunt Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4040B-IS350 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN4040B-IS350 Datasheet HTML 1Page - Fairchild Semiconductor FAN4040B-IS350 Datasheet HTML 2Page - Fairchild Semiconductor FAN4040B-IS350 Datasheet HTML 3Page - Fairchild Semiconductor FAN4040B-IS350 Datasheet HTML 4Page - Fairchild Semiconductor FAN4040B-IS350 Datasheet HTML 5Page - Fairchild Semiconductor FAN4040B-IS350 Datasheet HTML 6Page - Fairchild Semiconductor FAN4040B-IS350 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.fairchildsemi.com
REV. 1.0.5 1/29/03
Features
• Fixed 2.500V, 3.300V and 5.00V
• Tolerances to ±0.1% (25
°C)
• Low output noise
• Low temperature coefficient to 100ppm/°C
• Small package
• Extended operating current range
• Extended temperature range
Applications
• Portable equipment
• Disk drives
• Instrumentation
• Audio equipment
• Data acquisition systems
Description
The FAN4040 series of precision shunt references are ideal
for space- and cost-sensitive applications. They are available
in three output voltages (2.500V, 3.300V and 5.00V) and
with four output voltage tolerances (0.1%, 0.2%, 0.5% and
1%). They also have excellent temperature coefficients, to
100ppm/
°C for the tighter tolerance grades. The FAN4040
series has an extended operating current range, sinking as
much as 25mA.
The FAN4040 series is available in SOT-23 package.
Connection Diagrams
1
2
+
3*
*This pin must be left floating
or connected to pin 2.
SOT-23
Top View
FAN4040
Precision Micropower Shunt Voltage Reference


Número de pieza similar - FAN4040B-IS350

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4041 FAIRCHILD-FAN4041 Datasheet
31Kb / 6P
   Precision Micropower Shunt Voltage Reference
More results

Descripción similar - FAN4040B-IS350

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com