Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R-726.5P Datasheet(PDF) 5 Page - Recom International Power

No. de pieza R-726.5P
Descripción Electrónicos  2, 3, 4 AMP SIP12 Vertical & Horizontal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RECOM [Recom International Power]
Página de inicio  http://www.recom-international.com
Logo RECOM - Recom International Power

R-726.5P Datasheet(HTML) 5 Page - Recom International Power

  R-726.5P Datasheet HTML 1Page - Recom International Power R-726.5P Datasheet HTML 2Page - Recom International Power R-726.5P Datasheet HTML 3Page - Recom International Power R-726.5P Datasheet HTML 4Page - Recom International Power R-726.5P Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.recom-international.com
I-59
REV: 2/2016
Standard Application Circuit
Vout
Com
Vin
TTL
Com
2, 3, 4
9, 10, 11
R-72XX
R-73XX
R-74XX
R1
(Adjust down)
R2
(Adjust up)
12
5, 6, 7,8
1µF
(Optional)
1
C1
OFF
ON
Q1
C2
100µF
ESR= 150mW max.
(Required)
Add a blocking diode to Vout if
current can flow backwards into
the output, as this can damage
the converter.
Protection diodes are required
for high capacitive loads.
Refer to R-5xxxA Datasheet (see
Optional Diode Protection Circuit)
for circuit suggestions.
INNOLINE
DC/DC-Converter
Table 1: Adjustment Resistor Values
R-7xxxP_D
Series
2ADC
R-723.3P/D
R-725.0P/D
R-726.5P/D
R-729.0P/D
R-7212P/D
R-7215P/D
3ADC
R-733.3P/D
R-735.0P/D
R-736.5P/D
R-739.0P/D
R-7312P/D
R-7315P/D
4ADC
R-743.3P/D
R-745.0P/D
R-746.5P/D
Vout (nominal)
3.3Vdc
5.0Vdc
6.5Vdc
9.0Vdc
12Vdc
15Vdc
Vout (adj)
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
2.5
8.5K
Ω
3.0
33K
Ω
470
Ω
3.2
110K
Ω
1.6K
Ω
3.3
2.2K
Ω
3.4
36K
Ω
3.0K
Ω
3.6
11K
Ω
4.7K
Ω
3.9
4.7K
Ω
8.5K
Ω
4.5
1.6K
Ω
30K
Ω
4.9
820
Ω
220K
Ω
5.0
680
Ω
11K
Ω
5.1
560
Ω
28K
Ω
12K
Ω
5.5
190
Ω
2.6K
Ω
20K
Ω
6.0
47K
Ω
6.5
7.0
4.5K
Ω
13K
Ω
7.5
2.2K
Ω
8.0
31K
Ω
9.0
10
2.2K
Ω
20K
Ω
11
390
Ω
47K
Ω
12
13
2.4K
Ω
36K
Ω
14
390
Ω
76K
Ω
15
16
2.6K
Ω
17
860
Ω
18
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.


Número de pieza similar - R-726.5P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Recom International Pow...
R-726.5P RECOM-R-726.5P Datasheet
90Kb / 5P
   INNOLINE DC/DC-Converter
R-726.5P RECOM-R-726.5P Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
More results

Descripción similar - R-726.5P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Recom International Pow...
R-723.3P RECOM-R-723.3P_07 Datasheet
102Kb / 5P
   2, 3, 4 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_07 Datasheet
202Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-521.2PA RECOM-R-521.2PA_16 Datasheet
105Kb / 6P
   2, 3, 4, 5 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_16 Datasheet
91Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
R-611.8P RECOM-R-611.8P_07 Datasheet
93Kb / 4P
   1-2 AMP SIP12 Vertical & Horizontal
logo
PEAK electronics GmbH
PZ8GG-0505ZH30 PEAK-PZ8GG-0505ZH30 Datasheet
178Kb / 2P
   PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
logo
New Jersey Semi-Conduct...
UT2005 NJSEMI-UT2005 Datasheet
92Kb / 2P
   Standard Recovery, 2 Amp to 4 Amp
logo
PEAK electronics GmbH
PS10GG-1205E21H10 PEAK-PS10GG-1205E21H10 Datasheet
203Kb / 3P
   PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
PZ8GG-0505EH30 PEAK-PZ8GG-0505EH30 Datasheet
179Kb / 2P
   PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
logo
Belden Inc.
1227A1 BELDEN-1227A1 Datasheet
162Kb / 2P
   Category 3 Horizontal Cable, 2 Pair, U/UTP, CMR
2022 Belden, Inc
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com