Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESW476M035AE3 Datasheet(PDF) 11 Page - Kemet Corporation

No. de pieza ESW476M035AE3
Descripción Electrónicos  Single-Ended Aluminum Electrolytic Capacitors ESW Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESW476M035AE3 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button ESW476M035AE3 Datasheet HTML 7Page - Kemet Corporation ESW476M035AE3 Datasheet HTML 8Page - Kemet Corporation ESW476M035AE3 Datasheet HTML 9Page - Kemet Corporation ESW476M035AE3 Datasheet HTML 10Page - Kemet Corporation ESW476M035AE3 Datasheet HTML 11Page - Kemet Corporation ESW476M035AE3 Datasheet HTML 12Page - Kemet Corporation ESW476M035AE3 Datasheet HTML 13Page - Kemet Corporation ESW476M035AE3 Datasheet HTML 14Page - Kemet Corporation ESW476M035AE3 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4009_ESW • 1/6/2016
Single-Ended Aluminum Electrolytic Capacitors – ESW Series, +105ºC
Mounting Positions (Safety Vent)
In operation, electrolytic capacitors will always conduct a leakage current which causes electrolysis. The oxygen produced by
electrolysis will regenerate the dielectric layer but, at the same time, the hydrogen released may cause the internal pressure of the
capacitor to increase. The overpressure vent (safety vent) ensures that the gas can escape when the pressure reaches a certain value.
All mounting positions must allow the safety vent to work properly.
Installing
• A general principle is that lower-use temperatures result in a longer, useful life of the capacitor. For this reason, it should be
ensured that electrolytic capacitors are placed away from heat-emitting components. Adequate space should be allowed between
components for cooling air to circulate, particularly when high ripple current loads are applied. In any case, the maximum category
temperature must not be exceeded.
• Do not deform the case of capacitors or use capacitors with a deformed case.
• Verify that the connections of the capacitors are able to insert on the board without excessive mechanical force.
• If the capacitors require mounting through additional means, the recommended mounting accessories shall be used.
• Verify the correct polarization of the capacitor on the board.
• Verify that the space around the pressure relief device is according to the following guideline:
Case Diameter
Space Around Safety Vent
≤16mm
> 2 mm
>16to≤40mm
> 3 mm
> 40 mm
> 5 mm
It is recommended that capacitors always be mounted with the safety device uppermost or in the upper part of the capacitor.
• Ifthecapacitorsarestoredforalongtime,theleakagecurrentmustbeverified.Iftheleakagecurrentissuperiortothevaluelistedin
this catalog, the capacitors must be reformed. In this case, they can be reformed by application of the rated voltage through a series
resistorapproximately1kΩforcapacitorswithV
R≤160V(5Wresistor)and10kΩfortheotherratedvoltages.
• In the case of capacitors connected in series, a suitable voltage sharing must be used.
In the case of balancing resistors, the approximate resistance value can be calculated as: R = 60/C
KEMET recommends, nevertheless, to ensure that the voltage across each capacitor does not exceed its rated voltage.


Número de pieza similar - ESW476M035AE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
ESW476M100AH2AA KEMET-ESW476M100AH2AA Datasheet
235Kb / 1P
   ESW, Aluminum Electrolytic, 47 uF, 20%, 100 VDC, -40/105°C, Lead Spacing = 5mm
10/20/2022
More results

Descripción similar - ESW476M035AE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kemet Corporation
ESZ336M160AH4AA KEMET-ESZ336M160AH4AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ESL106M016AC3AA KEMET-ESL106M016AC3AA Datasheet
4Mb / 26P
   Single-Ended Aluminum Electrolytic Capacitors
ESU336M160AH8AA KEMET-ESU336M160AH8AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ETA157M6R3AC3AA KEMET-ETA157M6R3AC3AA Datasheet
4Mb / 21P
   Single-Ended Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com