Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCRF200ISN00A Datasheet(PDF) 8 Page - Microchip Technology |
|
MCRF200ISN00A Datasheet(HTML) 8 Page - Microchip Technology |
8 / 24 page MCRF200 DS21219H-page 8 2003 Microchip Technology Inc. 3.0 MODES OF OPERATION The device has two basic modes of operation: Native mode and Read mode. 3.1 Native Mode Every unprogrammed blank device (CB12=0) operates in Native mode, regardless of configuration register settings: FCLK/128, FSK, NRZ_L (direct) Once the user memory is programmed, the lock bit is set (CB12=1) which causes the MCRF200 to switch from Native mode to the Communication mode defined by the configuration register. Refer to Figure 4-1 for contactless programming sequence. Also see the microID™ 125 kHz RFID System Design Guide (DS51115) for more information. 3.2 Read Mode After the device is programmed (CB12=1), the device is operated in the Read-only mode. The device transmits its data according to the protocol in the configuration register. FIGURE 3-1: TYPICAL APPLICATION CIRCUIT Pad VB Pad VA Input capacitance: 2 pF RF Signal Data C To Reader amplifier/filter From Reader IAC L 2.5 mH 648 pF f res 1 2 π LC ------------------- 125 kHz == 125 kHz MCRF200 LC |
Número de pieza similar - MCRF200ISN00A |
|
Descripción similar - MCRF200ISN00A |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |