Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD1005-T24C Datasheet(PDF) 1 Page - Bourns Electronic Solutions

No. de pieza CD1005-T24C
Descripción Electrónicos  Surface Mount TVS Diode Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1005-T24C Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CD1005-T24C Datasheet HTML 1Page - Bourns Electronic Solutions CD1005-T24C Datasheet HTML 2Page - Bourns Electronic Solutions CD1005-T24C Datasheet HTML 3Page - Bourns Electronic Solutions CD1005-T24C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
RoHS compliant*
Low capacitance - 15 pF
ESD protection per IEC 61000-4-2
Surge protection
Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
CD0603/CD1005-T Surface Mount TVS Diode Series
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Parameter
Symbol
CD0603-T / CD1005-T Series
Unit
Package Power
PPK
100
mW
Storage Temperature
TSTG
-40 to +125
ºC
Operating Temperature
TOPR
-40 to +125
ºC
General Information
The markets for portable communications, computing and video equipment are
challenging the semiconductor industry to develop increasingly smaller electronic
components. Bourns offers TVS Diodes for voltage reference applications, in compact
chip package 0603 or 1005 size formats, which offer PCB real estate savings and are
considerably smaller than most competitive parts. The TVS Diodes have a working
peak voltage range between 5.0 V and 24 V.
The device is designed to meet IEC 61000-4-5 (Surge) protection requirements.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle on standard
pick and place equipment and their flat configuration minimizes roll away.
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD0603-T / CD1005-T Series
Unit
05C
12C
24C
Minimum Breakdown Voltage @ 1 mA
VBR
5.1
13
25
V
Typical Breakdown Voltage @ 1 mA
VBR
717
28
V
Peak Pulse Current (tp = 8/20 µs)
IPPM
5.1
1
1
A
Maximum Working Peak Voltage
WWM
512
24
V
Maximum Leakage Current @ VWM
ID
2.0
µA
Maximum Clamping Voltage @ Max. IPP
VC
15
25
47
V
Maximum Junction Capacitance @ 0 V 1 MHz
CD
20
pF
Typical Junction Capacitance @ 0 V 1 MHz
CD
15
12
10
pF
ESD Protection per IEC 61000-4-2
Contact Discharge
Air Discharge
ESD
ESD
8
15
kV
kV
How to Order
CD 0603 - T 05 C
Common Code
Chip Diode
Package
• 0603
• 1005
Diode Series
T = TVS Diode
Working Peak Voltage
05 = 5 Volts
12 = 12 Volts
24 = 24 Volts
Directionality
C = Bidirectional
This series is currently available but
not recommended for new designs.


Número de pieza similar - CD1005-T24C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CD1005-T24C BOURNS-CD1005-T24C Datasheet
251Kb / 4P
   Surface Mount TVS Diode Series
More results

Descripción similar - CD1005-T24C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CD0603 BOURNS-CD0603_13 Datasheet
251Kb / 4P
   Surface Mount TVS Diode Series
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T33B BOURNS-CDDFN2-T33B Datasheet
290Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T5.0C BOURNS-CDDFN2-T5.0C Datasheet
263Kb / 4P
   Surface Mount TVS Diode
CDSOT23-SLVU2.8 BOURNS-CDSOT23-SLVU2.8 Datasheet
311Kb / 4P
   Surface Mount TVS Diode
CDDFN2-T3.3LC BOURNS-CDDFN2-T3.3LC Datasheet
280Kb / 4P
   Surface Mount TVS Diode
logo
RFE international
SMAJ RFE-SMAJ_V01 Datasheet
4Mb / 4P
   Surface Mount TVS Diode
28-JUN-2023
logo
Bourns Electronic Solut...
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B Datasheet
290Kb / 4P
   Surface Mount TVS Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com