Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAP64-06 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No. de pieza BAP64-06
Descripción Electrónicos  Pin Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Página de inicio  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAP64-06 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAP64-06 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-06 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-06 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-06 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-06 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Forward Voltage
VF
1.1
V
IF=50mA
IR1
10
VR1=175V
Reverse Current
IR2
1
μA
VR2=20V
Cd1
0.52
VR=0V, f=1MHz
Cd2
0.5
VR=1V,f=1MHz
Diode Capacitance
Cd3
0.35
pF
VR=20V,f=1MHz
Rd1
40
IF=0.5mA, f=100MHz
Rd2
20
IF=1mA, f=100MHz
Rd3
3.8
IF=10mA, f=100MHz
Diode Forward Resistance
(note 1)
Rd4
1.35
IF=100mA, f=100MHz
Charge Carrier Life Time
τL
1.55
μs
When switched from IF =10mA to
IR=6mA;RL=100Ω;measured at IR =3mA
Series Inductance
LS
1.4
nH
IF=10mA, f=100MHz
Note:
1.Guaranteed on AQL basis: inspection level S4,AQL 1.0.
www.cj-elec.com
2
D,Sep,2015
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified


Número de pieza similar - BAP64-06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAP64-06 PHILIPS-BAP64-06 Datasheet
87Kb / 7P
   Silicon PIN diode
1999 Dec 17
BAP64-06 PHILIPS-BAP64-06 Datasheet
51Kb / 7P
   Silicon PIN diode
1999 Dec 17
logo
Guangdong Kexin Industr...
BAP64-06 KEXIN-BAP64-06 Datasheet
37Kb / 1P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-06 NXP-BAP64-06 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Guangdong Kexin Industr...
BAP64-06-HF KEXIN-BAP64-06-HF Datasheet
1Mb / 3P
   PIN Diodes
More results

Descripción similar - BAP64-06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
   Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
   PIN DIODE
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
logo
AUK corp
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
   PIN DIODE
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
   PIN DIODE
logo
Solid States Devices, I...
RC0130A SSDI-RC0130A_15 Datasheet
137Kb / 2P
   PIN DIODE
logo
Rohm
RN142GT2R ROHM-RN142GT2R Datasheet
114Kb / 3P
   PIN diode
logo
Jiangsu Changjiang Elec...
BAP64-04W JIANGSU-BAP64-04W Datasheet
650Kb / 5P
   Pin Diode
logo
Rohm
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
   PIN diode
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com