Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5211EDR14 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza CS5211EDR14
Descripción Electrónicos  Low Voltage Synchronous Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5211EDR14 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5211EDR14 Datasheet HTML 1Page - ON Semiconductor CS5211EDR14 Datasheet HTML 2Page - ON Semiconductor CS5211EDR14 Datasheet HTML 3Page - ON Semiconductor CS5211EDR14 Datasheet HTML 4Page - ON Semiconductor CS5211EDR14 Datasheet HTML 5Page - ON Semiconductor CS5211EDR14 Datasheet HTML 6Page - ON Semiconductor CS5211EDR14 Datasheet HTML 7Page - ON Semiconductor CS5211EDR14 Datasheet HTML 8Page - ON Semiconductor CS5211EDR14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CS5211
http://onsemi.com
3
MAXIMUM RATINGS (continued)
Pin Name
ISINK
ISOURCE
VMIN
VMAX
Pin Symbol
Fast Feedback Input
VFFB
6.0 V
–0.3 V
1.0 mA
1.0 mA
High–Side FET Driver
GATE(H)
20 V
–0.3 V
–2.0 V for 50 ns
1.5 A Peak
200 mA DC
1.5 A Peak
200 mA DC
Low–Side FET Driver
GATE(L)
16 V
–0.3 V
–2.0 V for 50 ns
1.5 A Peak
200 mA DC
1.5 A Peak
200 mA DC
Positive Current Sense
IS+
6.0 V
–0.3 V
1.0 mA
1.0 mA
Negative Current Sense
IS–
6.0 V
–0.3 V
1.0 mA
1.0 mA
Power Ground
PGND
0.3 V
–0.3 V
1.5 A Peak, 200 mA DC
N/A
Logic Ground
LGND
0 V
0 V
100 mA
N/A
Sense Ground
SGND
0.3 V
–0.3 V
1.0 mA
1.0 mA
ELECTRICAL CHARACTERISTICS (–40
°C < TA < 85°C; –40°C < TJ < 125°C; 4.5 V < VCC, VC < 14 V;
7.0 V < BST < 20 V; CGATE(H) = CGATE(L) = 3.3 nF; ROSC = 51 k; CCOMP = 0.1 µF, unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Error Amplifier
VFB Bias Current
VFB = 0 V
0.1
1.0
µA
COMP Source Current
VFB = 0.8 V
15
30
60
µA
COMP SINK Current
VFB = 1.2 V
15
30
60
µA
Open Loop Gain
98
dB
Unity Gain Bandwidth
C = 0.1
µF
50
kHz
PSRR @ 1.0 kHz
70
dB
Output Transconductance
32
mmho
Output Impedance
2.5
M
Reference Voltage
–0.1 V < SGND < 0.1 V,
COMP = VFB, Measure VFB to SGND
0.977
0.992
1.007
V
COMP Max Voltage
VFB = 0.8 V
2.5
3.0
V
COMP Min Voltage
VFB = 1.2 V
0.1
0.2
V
GATE(H) and GATE(L)
High Voltage (AC)
GATE(L),
GATE(H)
0.5 nF < CGATE(H) = CGATE(L) < 10 nF
VC – 0.5
BST – 0.5
V
Low Voltage (AC)
GATE(L) or GATE(H)
0.5 nF < CGATE(H); CGATE(L) < 10 nF
0.5
V
Rise Time
VC = BST = 10 V, Measure:
1.0 V < GATE(L) < 9.0 V,
1.0 V < GATE(H) < 9.0 V
40
80
ns
Fall Time
VC = BST = 10 V, Measure:
1.0 V < GATE(L) < 9.0 V,
1.0 V < GATE(H) < 9.0 V
40
80
ns
GATE(H) to GATE(L) Delay
GATE(H) < 2.0 V, GATE(L) > 2.0 V
40
70
110
ns
GATE(L) to GATE(H) Delay
GATE(L) < 2.0 V, GATE(H) > 2.0 V
40
70
110
ns
GATE(H)/(L) Pull–Down
Resistance to PGND
20
50
115
K
2. Guaranteed by design. Not tested in production.


Número de pieza similar - CS5211EDR14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS5211EDR14 ONSEMI-CS5211EDR14 Datasheet
324Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 7
CS5211EDR14G ONSEMI-CS5211EDR14G Datasheet
324Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 7
More results

Descripción similar - CS5211EDR14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com