Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GS72116AT-12 Datasheet(PDF) 5 Page - GSI Technology |
|
GS72116AT-12 Datasheet(HTML) 5 Page - GSI Technology |
5 / 18 page Rev: 1.04a 10/2002 5/18 © 2001, Giga Semiconductor, Inc. Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. GS72116ATP/J/T/U Note: 1. Input overshoot voltage should be less than VDD +2 V and not exceed 20 ns. 2. Input undershoot voltage should be greater than –2 V and not exceed 20 ns. Notes: 1. Tested at TA = 25°C, f = 1 MHz 2. These parameters are sampled and are not 100% tested. Recommended Operating Conditions Parameter Symbol Min Typ Max Unit Supply Voltage for -7/-8/-10/12 VDD 3.0 3.3 3.6 V Input High Voltage VIH 2.0 — VDD +0.3 V Input Low Voltage VIL –0.3 — 0.8 V Ambient Temperature, Commercial Range TAc 0 — 70 oC Ambient Temperature, Industrial Range TAI –40 — 85 oC Capacitance Parameter Symbol Test Condition Max Unit Input Capacitance CIN VIN = 0 V 5 pF Output Capacitance COUT VOUT = 0 V 7 pF DC I/O Pin Characteristics Parameter Symbol Test Conditions Min Max Input Leakage Current IIL VIN = 0 to VDD – 1 uA 1 uA Output Leakage Current ILO Output High Z VOUT = 0 to VDD –1 uA 1 uA Output High Voltage VOH IOH = –4mA 2.4 — Output Low Voltage VOL ILO = +4mA — 0.4 V |
Número de pieza similar - GS72116AT-12 |
|
Descripción similar - GS72116AT-12 |