Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54ACT258 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza 54ACT258
Descripción Electrónicos  Quad 2-Input Multiplexer with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT258 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 54ACT258 Datasheet HTML 2Page - Texas Instruments 54ACT258 Datasheet HTML 3Page - Texas Instruments 54ACT258 Datasheet HTML 4Page - Texas Instruments 54ACT258 Datasheet HTML 5Page - Texas Instruments 54ACT258 Datasheet HTML 6Page - Texas Instruments 54ACT258 Datasheet HTML 7Page - Texas Instruments 54ACT258 Datasheet HTML 8Page - Texas Instruments 54ACT258 Datasheet HTML 9Page - Texas Instruments 54ACT258 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AC Electrical Characteristics
54AC
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 8)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
3.3
1.0
12.0
ns
I
n to Zn
5.0
1.0
9.5
t
PHL
Propagation Delay
3.3
1.0
10.5
ns
I
n to Zn
5.0
1.0
7.5
t
PLH
Propagation Delay
3.3
1.0
15.0
ns
StoZ
n
5.0
1.0
11.5
t
PHL
Propagation Delay
3.3
1.0
14.0
ns
StoZ
n
5.0
1.0
10.5
t
PZH
Output Enable Time
3.3
1.0
11.5
ns
5.0
1.0
9.0
t
PZL
Output Enable Time
3.3
1.0
10.5
ns
5.0
1.0
8.5
t
PHZ
Output Disable Time
3.3
1.0
11.5
ns
5.0
1.0
9.5
t
PLZ
Output Disable Time
3.3
1.0
10.5
ns
5.0
1.0
8.5
Note 8: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Electrical Characteristics
54ACT
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 9)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
5.0
1.0
10.5
ns
I
n to Zn
t
PHL
Propagation Delay
5.0
1.0
9.0
ns
I
n to Zn
t
PLH
Propagation Delay
5.0
1.0
13.0
ns
StoZ
n
t
PHL
Propagation Delay
5.0
1.0
12.0
ns
StoZ
n
t
PZH
Output Enable Time
5.0
1.0
10.5
ns
t
PZL
Output Enable Time
5.0
1.0
10.0
ns
t
PHZ
Output Disable Time
5.0
1.0
10.5
ns
t
PLZ
Output Disable Time
5.0
1.0
10.0
ns
Note 9: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
55.0
pF
V
CC = 5.0V
Capacitance
www.national.com
6


Número de pieza similar - 54ACT258

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
54ACT258D NSC-54ACT258D Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54ACT258F NSC-54ACT258F Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54ACT258L NSC-54ACT258L Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
More results

Descripción similar - 54ACT258

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC257 NSC-54AC257 Datasheet
120Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F258ADM NSC-54F258ADM Datasheet
159Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54F258A TI1-54F258A Datasheet
409Kb / 10P
[Old version datasheet]   54F258A 74F258A Quad 2-Input Multiplexer with TRI-STATE(RM) Outputs
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com