Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DM7474 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza DM7474
Descripción Electrónicos  Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DM7474 Datasheet(HTML) 4 Page - Texas Instruments

  DM7474 Datasheet HTML 1Page - Texas Instruments DM7474 Datasheet HTML 2Page - Texas Instruments DM7474 Datasheet HTML 3Page - Texas Instruments DM7474 Datasheet HTML 4Page - Texas Instruments DM7474 Datasheet HTML 5Page - Texas Instruments DM7474 Datasheet HTML 6Page - Texas Instruments DM7474 Datasheet HTML 7Page - Texas Instruments DM7474 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 400X
Symbol
Parameter
To (Output)
CL e 15 pF
Units
Min
Max
fMAX
Maximum Clock
15
MHz
Frequency
tPHL
Propagation Delay Time
Preset
40
ns
High to Low Level Output
to Q
tPLH
Propagation Delay Time
Preset
25
ns
Low to High Level Output
to Q
tPHL
Propagation Delay Time
Clear
40
ns
High to Low Level Output
to Q
tPLH
Propagation Delay Time
Clear
25
ns
Low to High Level Output
to Q
tPHL
Propagation Delay Time
Clock to
40
ns
High to Low Level Output
Q or Q
tPLH
Propagation Delay Time
Clock to
25
ns
Low to High Level Output
Q or Q
3


Número de pieza similar - DM7474

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM7474 FAIRCHILD-DM7474 Datasheet
51Kb / 5P
   Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
logo
National Semiconductor ...
DM7474M NSC-DM7474M Datasheet
121Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM7474M FAIRCHILD-DM7474M Datasheet
51Kb / 5P
   Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
logo
National Semiconductor ...
DM7474N NSC-DM7474N Datasheet
121Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM7474N FAIRCHILD-DM7474N Datasheet
51Kb / 5P
   Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
More results

Descripción similar - DM7474

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74LS74A FAIRCHILD-DM74LS74A Datasheet
67Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
DM74S74 FAIRCHILD-DM74S74 Datasheet
50Kb / 5P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear, and Complementary Outputs
logo
National Semiconductor ...
54LS74 NSC-54LS74 Datasheet
136Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
5474 NSC-5474 Datasheet
121Kb / 6P
   Dual Positive-Edge-Triggered D Flip-Flops with Preset, Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM7474 FAIRCHILD-DM7474 Datasheet
51Kb / 5P
   Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
logo
National Semiconductor ...
54LS109 NSC-54LS109 Datasheet
135Kb / 6P
   Dual Positive-Edge-Triggered J-K Flip-Flops with Preset, Clear, and Complementary Outputs
logo
Texas Instruments
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com