Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC08234 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza ADC08234
Descripción Electrónicos  8-Bit 2 Mus Serial I/O A/D Converters
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08234 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC08234 Datasheet HTML 2Page - Texas Instruments ADC08234 Datasheet HTML 3Page - Texas Instruments ADC08234 Datasheet HTML 4Page - Texas Instruments ADC08234 Datasheet HTML 5Page - Texas Instruments ADC08234 Datasheet HTML 6Page - Texas Instruments ADC08234 Datasheet HTML 7Page - Texas Instruments ADC08234 Datasheet HTML 8Page - Texas Instruments ADC08234 Datasheet HTML 9Page - Texas Instruments ADC08234 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Electrical Characteristics (Continued)
The following specifications apply for VCC ea5VDC and fCLK e 4 MHz unless otherwise specified Boldface limits apply for
TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C
ADC08231
ADC08234 and
ADC08238 with BIN
Units
Symbol
Parameter
Conditions
CIN BIWM
(Limits)
CIWM or CIMF Suffixes
Typical
Limits
(Note 8)
(Note 9)
REFERENCE CHARACTERISTICS
VREFOUT
Output Voltage
BIN BIJ
25
25 g15%
V
BIWM
g
2%
CIN CIJ
25
25 g30%
CIWM CMJ
g
35%
D
VREF DT
Temperature Coefficient
40
ppm C
D
VREF DIL
Load Regulation
Sourcing
%mA
(max)
(Note 17)
(0 s IL s a4 mA)
ADC08234
0003
01
ADC08238
Sourcing
(0 s IL s a2 mA)
ADC08231
0003
01
Sinking
(b1 s IL s 0 mA)
ADC08234
02
05
ADC08238
Sinking
(b1 s IL s 0 mA)
ADC08231
02
05
Line Regulation
475V s VCC s 525V
05
6
mV
(max)
ISC
Short Circuit Current
VREF e 0V
(max)
mA
ADC08234
8
25
ADC08238
VREF e 0V
ADC08231
8
25
TSU
Start-Up Time
VCC 0V
x 5V
20
ms
CL e 100 mF
D
VREF Dt
Long Term Stability
200
ppm1 kHr
5


Número de pieza similar - ADC08234

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC08234BIN NSC-ADC08234BIN Datasheet
419Kb / 24P
   8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
ADC08234BIWM NSC-ADC08234BIWM Datasheet
419Kb / 24P
   8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
ADC08234CIMF NSC-ADC08234CIMF Datasheet
419Kb / 24P
   8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
ADC08234CIN NSC-ADC08234CIN Datasheet
419Kb / 24P
   8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
ADC08234CIWM NSC-ADC08234CIWM Datasheet
419Kb / 24P
   8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
More results

Descripción similar - ADC08234

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
Linear Technology
LTC1096 LINER-LTC1096_1 Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096L LINER-LTC1096L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
logo
Texas Instruments
ADC08131 TI1-ADC08131_13 Datasheet
789Kb / 24P
[Old version datasheet]   8-Bit High-Speed Serial I/O A/D Converters
logo
Linear Technology
LTC1096 LINER-LTC1096 Datasheet
452Kb / 28P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1096 LINER-LTC1096_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098 LINER-LTC1098_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
LTC1098L LINER-LTC1098L_15 Datasheet
290Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com