Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC101C027 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADC101C027
Descripción Electrónicos  10-Bit Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC101C027 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC101C027 Datasheet HTML 2Page - Texas Instruments ADC101C027 Datasheet HTML 3Page - Texas Instruments ADC101C027 Datasheet HTML 4Page - Texas Instruments ADC101C027 Datasheet HTML 5Page - Texas Instruments ADC101C027 Datasheet HTML 6Page - Texas Instruments ADC101C027 Datasheet HTML 7Page - Texas Instruments ADC101C027 Datasheet HTML 8Page - Texas Instruments ADC101C027 Datasheet HTML 9Page - Texas Instruments ADC101C027 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ADC101C021, ADC101C027
SNAS446D – FEBRUARY 2008 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics
The following specifications apply for VA = +2.7V to +5.5V, GND = 0V, fSCL up to 3.4MHz, fIN = 1kHz for fSCL up to 400kHz, fIN
= 10kHz for fSCL = 3.4MHz unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C
unless otherwise noted.
Typical
Limits
Symbol
Parameter
Conditions
Units (Limits)
(1)
(1)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
10
Bits
VA = +2.7V to +3.6V
±0.1
±0.5
LSB (max)
Integral Non-Linearity (End Point
INL
+0.21
+0.7
LSB (max)
Method)
VA = +2.7V to +5.5V. fSCL up to 400 kHz
(2)
−0.16
−0.7
LSB (min)
VA = +2.7V to +3.6V
±0.1
±0.5
LSB (max)
DNL
Differential Non-Linearity
+0.25
+0.7
LSB (max)
VA = +2.7V to +5.5V. fSCL up to 400 kHz
(2)
−0.16
−0.7
LSB (min)
VA = +2.7V to +3.6V
+0.25
±0.8
LSB (max)
fSCL up to 3.4 MHz
VOFF
Offset Error
VA = +2.7V to +5.5V. fSCL up to 400kHz
(2)
+0.27
±0.8
LSB (max)
GE
Gain Error
-0.13
±1
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
VA = +2.7V to +3.6V
9.97
9.87
Bits (min)
ENOB
Effective Number of Bits
VA = +3.6V to +5.5V
9.94
Bits
VA = +2.7V to +3.6V
61.8
61.2
dB (min)
SNR
Signal-to-Noise Ratio
VA = +3.6V to +5.5V
61.6
dB
VA = +2.7V to +3.6V
−88.9
−74
dB (max)
THD
Total Harmonic Distortion
VA = +3.6V to +5.5V
−85.7
dB
VA = +2.7V to +3.6V
61.8
61.2
dB (min)
SINAD
Signal-to-Noise Plus Distortion Ratio
VA = +3.6V to +5.5V
61.6
dB
VA = +2.7V to +3.6V
84
76
dB (min)
SFDR
Spurious-Free Dynamic Range
VA = +3.6V to +5.5V
84.3
dB
Intermodulation Distortion, Second
fa = 1.035 kHz, fb = 1.135 kHz
−83.9
dB
Order Terms (IMD2)
IMD
Intermodulation Distortion, Third
fa = 1.035 kHz, fb = 1.135 kHz
−82.4
dB
Order Terms (IMD3)
VA = +3.0V
8
MHz
FPBW
Full Power Bandwidth (
−3dB)
VA = +5.0V
11
MHz
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to VA
V
IDCL
DC Leakage Current (3)
±1
µA (max)
Track Mode
30
pF
CINA
Input Capacitance
Hold Mode
3
pF
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are guaranteed to National's AOQL (Average
Outgoing Quality Level).
(2)
The ADC will meet Minimum/Maximum specifications for fSCL up to 3.4MHz when operating in the Quiet Interface Mode (Section 1.11).
(3)
This parameter is guaranteed by design and/or characterization and is not tested in production.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC101C021 ADC101C027


Número de pieza similar - ADC101C027

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC101C027 NSC-ADC101C027 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC101C027 TI-ADC101C027 Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
ADC101C027 TI1-ADC101C027 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
More results

Descripción similar - ADC101C027

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com