Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADCV08832CIM Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza ADCV08832CIM
Descripción Electrónicos  8-Bit Serial I/O CMOS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADCV08832CIM Datasheet(HTML) 3 Page - Texas Instruments

  ADCV08832CIM Datasheet HTML 1Page - Texas Instruments ADCV08832CIM Datasheet HTML 2Page - Texas Instruments ADCV08832CIM Datasheet HTML 3Page - Texas Instruments ADCV08832CIM Datasheet HTML 4Page - Texas Instruments ADCV08832CIM Datasheet HTML 5Page - Texas Instruments ADCV08832CIM Datasheet HTML 6Page - Texas Instruments ADCV08832CIM Datasheet HTML 7Page - Texas Instruments ADCV08832CIM Datasheet HTML 8Page - Texas Instruments ADCV08832CIM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
6.5V
Voltage at Inputs and Outputs
−0.3V to V
CC + 0.3V
Input Current at Any Pin (Note 4)
±5mA
Package Input Current (Note 4)
±20 mA
ESD Susceptibility (Note 6)
Human Body Model
2500V
Machine Model
250V
Junction Temperature (Note 5)
150˚C
Storage Temperature Range
−65˚C to +150˚C
Mounting Temperature
Infrared
235˚C
Operating Ratings (Notes 2, 3)
Temperature Range
−40˚C < T
J < +125˚C
Supply Voltage
2.7V to 5.5V
Thermal Resistance (
θ
jA)
SO Package,
8-pin Surface Mount
190˚C/W
Clock Frequency
10 kHz
≤ f
CLK ≤ 1000 kHz
Electrical Characteristics
The following specifications apply for V
CC = 3.3VDC and fCLK = 500 kHz, 50% Duty Cycle, unless otherwise specified. Bold-
face limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
CONVERTER AND MULTIPLEXED CHARACTERISTICS
TUE
Total Unadjusted Error
(Note 9)
±0.1
±0.8
LSB (max)
V
OFF
Offset Error
0.03
±0.5
LSB
DNL
Differential Nonlinearity
0.1
±0.5
LSB
INL
Integral Nonlinearity
0.1
±0.5
LSB
FS
Full Scale Error
0.06
±0.8
LSB
V
IN
Analog Input Voltage
(Note 10)
(V
CC + 0.05)
(GND − 0.05)
V (max)
V (min)
DC Common Mode Error
±0.02
LSB (max)
Analog Input Leakage Current
(Note 11)
On Channel
±11.0
nA
Off Channel
±3.0
nA
DC CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
1.0
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
1.1
0.8
V (max)
I
IN
Digital Input Current
±2
µA (max)
V
OUT(1)
Logical “1” Output Voltage
V
CC = 2.7V
I
OUT = −360 µA
3.3
2.4
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
CC = 2.7V
I
OUT = 1.6 mA
0.2
0.4
V (max)
I
OUT
TRI-STATE Output Current
V
OUT =0V
V
OUT = 3.3V
−2.0
2.0
µA
µA
I
SOURCE
Digital Output Short Circuit
Current
V
OUT = 0V
−13
mA
I
SINK
Digital Output Sink Circuit
V
OUT =VCC
9.6
mA
I
CC
Supply Current (Note 15)
CS = V
CC
0.1
nA
CS = Low,
CLK=V
CC
330
500
µA (max)
Electrical Characteristics
The following specifications apply for V
CC = 3.3V, 50% Duty Cycle, and tr =tf = 20 ns unless otherwise specified. Boldface
limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Units
f
CLK
Max Clock Frequency
V
CC = 5
1000
kHz
V
CC = 3.3
700
500
kHz
V
CC = 2.7
400
kHz
www.national.com
2


Número de pieza similar - ADCV08832CIM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADCV08832CIM NSC-ADCV08832CIM Datasheet
259Kb / 14P
   Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
ADCV08832CIMX NSC-ADCV08832CIMX Datasheet
259Kb / 14P
   Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
More results

Descripción similar - ADCV08832CIM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC35080P TOSHIBA-TC35080P Datasheet
730Kb / 11P
   10-BIT SERIAL I/O A/D CONVERTER
logo
Micro Linear Corporatio...
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
NEC
UPD7001 NEC-UPD7001 Datasheet
500Kb / 10P
   8-BIT CMOS SERIAL I/O ANALOG-TO-DIGITAL CONVERTER
logo
National Semiconductor ...
ADCV08832 NSC-ADCV08832 Datasheet
259Kb / 14P
   Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
logo
Linear Technology
LTC1598 LINER-LTC1598 Datasheet
134Kb / 12P
   8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
logo
National Semiconductor ...
ADC0811 NSC-ADC0811 Datasheet
323Kb / 14P
   8-Bit Serial I/O A/D Converter With 11-Channel Multiplexer
ADC0833 NSC-ADC0833 Datasheet
316Kb / 20P
   8-Bit Serial I/O A/D Converter with 4-Channel Multiplexer
ADC0819 NSC-ADC0819_09 Datasheet
694Kb / 16P
   8-Bit Serial I/O A/D Converter with 19-Channel Multiplexer
ADC0819 NSC-ADC0819 Datasheet
279Kb / 12P
   8-Bit Serial I/O A/D Converter with 19-Channel Multiplexer
logo
Linear Technology
LTC1096 LINER-LTC1096_1 Datasheet
282Kb / 32P
   Micropower Sampling 8-Bit Serial I/O A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com