Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF512 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

No. de pieza IRF512
Descripción Electrónicos  isc N-Channel Mosfet Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRF512 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRF512 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRF512 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel Mosfet Transistor
IRF512
·FEATURES
·Low RDS(on)
·VGS Rated at ±20V
·Silicon Gate for Fast Switching Speed
·Rugged
·Low Drive Requirements
·DESCRITION
·Designed especially for high voltage,high speed applications,
such as off-line switching power supplies , UPS,AC and DC
motor controls,relay and solenoid drivers.
·ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage-Continuous
±20
V
ID
Drain Current-Continuous
4.9
A
IDM
Drain Current-Single Plused
18
A
PD
Total Dissipation @TC=25℃
43
W
Tj
Max. Operating Junction Temperature
-55~175
Tstg
Storage Temperature
-55~175
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.5
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
80
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Número de pieza similar - IRF512

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Supertex, Inc
IRF512 SUTEX-IRF512 Datasheet
70Kb / 2P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs
logo
Fairchild Semiconductor
IRF512 FAIRCHILD-IRF512 Datasheet
151Kb / 5P
   N-Channel Power MOSFETs, 5.5 A, 60-100V
logo
Harris Corporation
IRF512 HARRIS-IRF512 Datasheet
71Kb / 7P
   4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
logo
ARTSCHIP ELECTRONICS CO...
IRF512 ARTSCHIP-IRF512 Datasheet
374Kb / 5P
   N-Channel Power Mosfets
More results

Descripción similar - IRF512

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
60NF06 ISC-60NF06 Datasheet
94Kb / 2P
   isc N-Channel MOSFET Transistor
8N60 ISC-8N60 Datasheet
63Kb / 2P
   isc N-Channel Mosfet Transistor
MDP1922 ISC-MDP1922 Datasheet
338Kb / 2P
   isc N-Channel MOSFET Transistor
SUD25N15-52 ISC-SUD25N15-52 Datasheet
321Kb / 2P
   Isc N-Channel MOSFET Transistor
STW20NM50FD ISC-STW20NM50FD Datasheet
324Kb / 2P
   Isc N-Channel MOSFET Transistor
MMF80R450P ISC-MMF80R450P Datasheet
313Kb / 2P
   Isc N-Channel MOSFET Transistor
SPI21N50C3 ISC-SPI21N50C3 Datasheet
355Kb / 3P
   Isc N-Channel MOSFET Transistor
2SK1162 ISC-2SK1162 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
2N7000 ISC-2N7000 Datasheet
312Kb / 2P
   Isc N-Channel MOSFET Transistor
IPB156N22NFD ISC-IPB156N22NFD Datasheet
268Kb / 2P
   Isc N-Channel MOSFET Transistor
IRF3205STRLPBF ISC-IRF3205STRLPBF Datasheet
266Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com