Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM136AH-5.0 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM136AH-5.0
Descripción Electrónicos  5.0V Reference Diode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM136AH-5.0 Datasheet(HTML) 1 Page - Texas Instruments

  LM136AH-5.0 Datasheet HTML 1Page - Texas Instruments LM136AH-5.0 Datasheet HTML 2Page - Texas Instruments LM136AH-5.0 Datasheet HTML 3Page - Texas Instruments LM136AH-5.0 Datasheet HTML 4Page - Texas Instruments LM136AH-5.0 Datasheet HTML 5Page - Texas Instruments LM136AH-5.0 Datasheet HTML 6Page - Texas Instruments LM136AH-5.0 Datasheet HTML 7Page - Texas Instruments LM136AH-5.0 Datasheet HTML 8Page - Texas Instruments LM136AH-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM136-5.0QML, LM136A-5.0QML
www.ti.com
SNVS352B – APRIL 2008 – REVISED MARCH 2013
LM136A-5.0QML
LM136-5.0QML 5.0V Reference Diode
Check for Samples: LM136-5.0QML, LM136A-5.0QML
1
FEATURES
DESCRIPTION
The
LM136A-5.0QML/LM136-5.0QML
integrated
2
Adjustable 4V to 6V
circuits are precision 5.0V shunt regulator diodes.
Low Temperature Coefficient
These monolithic IC voltage references operate as a
Wide Operating Current of 600
μA to 10 mA
low temperature coefficient 5.0V zener with 0.6
Ω
dynamic impedance. A third terminal on the LM136-
0.6
Ω Dynamic Impedance
5.0 allows the reference voltage and temperature
Ensured Temperature Stability
coefficient to be trimmed easily.
Easily Trimmed for Minimum Temperature Drift
The LM136-5.0 series is useful as a precision 5.0V
Fast Turn-On
low voltage reference for digital voltmeters, power
Three Lead Transistor Package
supplies or op amp circuitry. The 5.0V makes it
convenient to obtain a stable reference from low
voltage
supplies.
Further,
since
the
LM136-5.0
operates as a shunt regulator, it can be used as
either a positive or negative voltage reference.
Connection Diagram
Figure 1. Bottom View
3-Lead TO
Metal Can Package
See NDV0003H Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LM136AH-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM136AH-5.0 NSC-LM136AH-5.0 Datasheet
216Kb / 11P
   5.0V Reference Diode
LM136AH-5.0 NSC-LM136AH-5.0 Datasheet
261Kb / 12P
   5.0V Reference Diode
logo
Texas Instruments
LM136AH-5.0-SMD TI1-LM136AH-5.0-SMD Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
logo
National Semiconductor ...
LM136AH-5.0/883 NSC-LM136AH-5.0/883 Datasheet
216Kb / 11P
   5.0V Reference Diode
LM136AH-5.0/883 NSC-LM136AH-5.0/883 Datasheet
261Kb / 12P
   5.0V Reference Diode
More results

Descripción similar - LM136AH-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM136-5.0 NSC-LM136-5.0 Datasheet
261Kb / 12P
   5.0V Reference Diode
LM136-50 NSC-LM136-50 Datasheet
216Kb / 11P
   5.0V Reference Diode
logo
Texas Instruments
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
LM136-5.0 TI-LM136-5.0_15 Datasheet
432Kb / 14P
[Old version datasheet]   LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
logo
Intersil Corporation
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
logo
Zetex Semiconductors
ZRT050 ZETEX-ZRT050 Datasheet
169Kb / 4P
   5.0V LOW POWER PRECISION REFERENCE SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com