Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT11898 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza 74ACT11898
Descripción Electrónicos  10-bit serial-in parallel-out shift register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11898 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11898 Datasheet HTML 1Page - Texas Instruments 74ACT11898 Datasheet HTML 2Page - Texas Instruments 74ACT11898 Datasheet HTML 3Page - Texas Instruments 74ACT11898 Datasheet HTML 4Page - Texas Instruments 74ACT11898 Datasheet HTML 5Page - Texas Instruments 74ACT11898 Datasheet HTML 6Page - Texas Instruments 74ACT11898 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74AC11898
10BIT PARALLELOUT SERIAL SHIFT REGISTER
SCAS143 − OCTOBER 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
AND-Gated (Enable/Disable) Serial Inputs
Fully Buffered Clock and Serial Inputs
Direct Clear
Fully Synchronous Data Transfers
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Pin Configurations
Minimize High-Speed Switching Noise
EPIC (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latch-Up Immunity at 125°C
Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
The 74AC11898 features AND-gated serial inputs and an asynchronous clear. The gated serial inputs
(A and B) permit complete control over incoming data. A low at either input inhibits entry of new data and resets
the first flip-flop to the low level on the rising edge of the next clock pulse. A high-level input enables the other
input, which then determines the state of the first flip-flop. Data at the serial inputs may be changed while the
clock is high or low provided the minimum setup and hold time requirements are met. Clocking occurs on the
low-to-high transition of the clock input.
The 74AC11898 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUTS
CLR
CLK
A
B
QA
QB
...
QJ
L
X
X
X
L
L
L
H
LX
X
QA0
QB0
QJO
H
HHH
QAN
QIN
H
LXL
QAN
QIN
H
X
L
L
QAN
QIN
H = high level (steady state)
X = irrelevant (any input, including transitions)
↑ = transition from low to high level
QA0, QB0, QJ0 = the level of QA, QB, QJ respectively, before the
indicated steady-state input conditions were established.
Qn, Qin = the level or QA or QJ before the most recent ↑ transition
of the clock; indicates a one-bit shift.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
DW OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
QC
QD
QE
GND
GND
GND
GND
QF
QG
QH
QB
QA
CLR
A
VCC
VCC
B
CLK
QJ
QI
EPIC is a trademark of Texas Instruments Incorporated.


Número de pieza similar - 74ACT11898

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ACT11898 PHILIPS-74ACT11898 Datasheet
189Kb / 7P
   10-bit serial-in parallel-out shift register
October 17 1990
logo
Texas Instruments
74ACT11898 TI1-74ACT11898 Datasheet
505Kb / 13P
[Old version datasheet]   10-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
NXP Semiconductors
74ACT11898D PHILIPS-74ACT11898D Datasheet
189Kb / 7P
   10-bit serial-in parallel-out shift register
October 17 1990
logo
Texas Instruments
74ACT11898DW TI1-74ACT11898DW Datasheet
505Kb / 13P
[Old version datasheet]   10-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
NXP Semiconductors
74ACT11898N PHILIPS-74ACT11898N Datasheet
189Kb / 7P
   10-bit serial-in parallel-out shift register
October 17 1990
More results

Descripción similar - 74ACT11898

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AC11898 PHILIPS-74AC11898 Datasheet
189Kb / 7P
   10-bit serial-in parallel-out shift register
October 17 1990
logo
Texas Instruments
74ACT11898 TI1-74ACT11898 Datasheet
505Kb / 13P
[Old version datasheet]   10-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com