Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT11181NT Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza 74ACT11181NT
Descripción Electrónicos  ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11181NT Datasheet(HTML) 2 Page - Texas Instruments

  74ACT11181NT Datasheet HTML 1Page - Texas Instruments 74ACT11181NT Datasheet HTML 2Page - Texas Instruments 74ACT11181NT Datasheet HTML 3Page - Texas Instruments 74ACT11181NT Datasheet HTML 4Page - Texas Instruments 74ACT11181NT Datasheet HTML 5Page - Texas Instruments 74ACT11181NT Datasheet HTML 6Page - Texas Instruments 74ACT11181NT Datasheet HTML 7Page - Texas Instruments 74ACT11181NT Datasheet HTML 8Page - Texas Instruments 74ACT11181NT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74ACT11181
ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
SCAS086 − D3200, OCTOBER 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−2
description
The 74ACT11181 is an arithmetic logic unit (ALU)/function generator that has a complexity of 75 equivalent
gates on a monolithic chip. These circuits perform 16 binary arithmetic operations on two 4-bit words as shown
in Tables 1 and 2. These operations are selected by the four function-select lines (S0, S1, S2, S3) and include
addition, subtraction, decrement, and straight transfer. When performing arithmetic manipulations, the internal
carries must be enabled by applying a low-level voltage to the mode control input (M). A full carry look-ahead
scheme is made available in these devices for fast, simultaneous carry generation by means of two cascade
outputs G and P for the four bits in the package. When used in conjunction with the ’ACT11882 full carry
look-ahead circuits, high-speed arithmetic operations can be performed. The method of cascading ’ACT11882
circuits with these ALUs to provide multilevel full-carry look-ahead operation is illustrated under signal
designations.
If high speed is not important, a ripple-carry input (Cn) and a ripple-carry output (Cn + 4) are available. However,
the ripple-carry delay has also been minimized so that arithmetic manipulations for small word lengths can be
performed without external circuitry.
The 74ACT11181 will accommodate active-high or active-low data if the pin designations are interpreted as
follows:
PACKAGE
PIN NUMBERS AND DESIGNATIONS
DW, JT, or NT
25
26
27
28
19
20
23
24
11
10
5
4
1
14
12
13
FK
4
5
6
7
26
27
2
3
18
17
12
11
8
2
19
20
Active-low data
(Table 1)
A3
A2
A1
A0
B3
B2
B1
B0
F3
F2
F1
F0
Cn
Cn+4
P
G
Active-high data
(Table 2)
A3
A2
A1
A0
B3
B2
B1
B0
F3
F2
F1
F0
Cn
Cn+4
X
Y
Subtraction is accomplished by 1’s complement addition where the 1’s complement of the subtrahend is
generated internally. The resultant output is A − B − 1, which requires an end-around or forced carry to provide
A− B.
The 74ACT11181 can also be used as a comparator. The A = B output is internally decoded from the function
outputs (F0, F1, F2, F3) so that when two words of equal magnitude are applied at the A and B inputs, it will
assume a high level to indicate equality (A = B). When performing this comparison, the ALU must be in the
subtract mode with Cn = H. The A = B output is open drain so that it can be wired-AND connected to give a
comparison for more than four bits. The carry output (Cn + 4) can also be used to supply relative magnitude
information. Again, the ALU must be placed in the subtract mode by placing the function select inputs S3, S2,
S1, S0 at L, H, H, L, respectively.
INPUT Cn
OUTPUT Cn+4
ACTIVE-LOW DATA
ACTIVE-HIGH DATA
INPUT Cn
OUTPUT Cn+4
ACTIVE-LOW DATA
(FIGURE 1)
ACTIVE-HIGH DATA
(FIGURE 2)
H
H
A
≥ B
A
≤ B
H
L
A<B
A>B
L
H
A>B
A<B
L
L
A
≤ B
A
≥ B
These circuits have been designed not only to incorporate all of the designer’s requirements for arithmetic
operation but also to provide 16 possible functions of two Boolean variables without using external circuitry.
These logic functions are selected using the four function-select inputs (S0, S1, S2, S3) with the mode-control
input (M) at a high level to disable the internal carry. The 16 logic functions are detailed in Tables 1 and 2 and
include exclusive-OR, NAND, AND, NOR, and OR functions.


Número de pieza similar - 74ACT11181NT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ACT11181N PHILIPS-74ACT11181N Datasheet
500Kb / 19P
   4 BIT ARITHMETIC LOGIC UNIT
October 1990
More results

Descripción similar - 74ACT11181NT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
National Semiconductor ...
DM74S381 NSC-DM74S381 Datasheet
113Kb / 4P
   DM74S381 ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
ON Semiconductor
MC10H181 ONSEMI-MC10H181_06 Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
MC10H181 ONSEMI-MC10H181 Datasheet
190Kb / 8P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
March, 2000 ??Rev. 7
logo
Motorola, Inc
MC10181 MOTOROLA-MC10181 Datasheet
124Kb / 6P
   4-Bit Arithmetic Logic Unit/Function Generator
logo
List of Unclassifed Man...
10190 ETC1-10190 Datasheet
129Kb / 2P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
DM54S181 NSC-DM54S181 Datasheet
268Kb / 9P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
NXP Semiconductors
74F382 PHILIPS-74F382 Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com