Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74ACT11374DWRG4 Datasheet(PDF) 4 Page - Texas Instruments |
|
74ACT11374DWRG4 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 18 page 74ACT11374 OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS SCAS217A – JULY 1987 – REVISED APRIL 1996 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C MIN MAX UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX UNIT IOH =50 mA 4.5 V 4.4 4.4 IOH = –50 mA 5.5 V 5.4 5.4 VOH IOH =24 mA 4.5 V 3.94 3.8 V OH IOH = –24 mA 5.5 V 4.94 4.8 IOH = –75 mA{ 5.5 V 3.85 IOL =50 mA 4.5 V 0.1 0.1 IOL = 50 mA 5.5 V 0.1 0.1 VOL IOL =24mA 4.5 V 0.36 0.44 V OL IOL = 24 mA 5.5 V 0.36 0.44 IOL = 75 mA{ 5.5 V 1.65 IOZ VO = VCC or GND 5.5 V ±0.5 ±5 mA II VI = VCC or GND 5.5 V ±0.1 ±1 mA ICC VI = VCC or GND, IO = 0 5.5 V 8 80 mA DICC} One input at 3.4 V, Other inputs at GND or VCC 5.5 V 0.9 1 mA Ci VI = VCC or GND 5 V 4 pF Co VO = VCC or GND 5 V 10 pF † Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms. ‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC. timing requirements over recommended ranges of supply voltages and operating free-air temperature (unless otherwise noted) (see Figure 1) TA = 25°C MIN MAX UNIT MIN MAX MIN MAX UNIT fclock Clock frequency 0 55 0 55 MHz tw Pulse duration, CLK low or CLK high 9 9 ns tsu Setup time, data before CLK ↑ 3 3 ns th Hold time, data after CLK ↑ 5.5 5.5 ns switching characteristics over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 1) PARAMETER FROM TO TA = 25°C MIN MAX UNIT PARAMETER (INPUT) (OUTPUT) MIN TYP MAX MIN MAX UNIT fmax 55 70 55 MHz tPLH CLK Any Q 1.5 8.5 10.7 1.5 12.4 ns tPHL CLK Any Q 1.5 8.5 11.3 1.5 13 ns tPZH OE Any Q 1.5 7.5 11 1.5 12.3 ns tPZL OE Any Q 1.5 7.5 11 1.5 12.3 ns tPHZ OE Any Q 1.5 11 12.7 1.5 13.2 ns tPLZ OE Any Q 1.5 8 10 1.5 10.8 ns |
Número de pieza similar - 74ACT11374DWRG4 |
|
Descripción similar - 74ACT11374DWRG4 |