Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC1G126MDCKTEP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza 74AHC1G126MDCKTEP
Descripción Electrónicos  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

74AHC1G126MDCKTEP Datasheet(HTML) 4 Page - Texas Instruments

  74AHC1G126MDCKTEP Datasheet HTML 1Page - Texas Instruments 74AHC1G126MDCKTEP Datasheet HTML 2Page - Texas Instruments 74AHC1G126MDCKTEP Datasheet HTML 3Page - Texas Instruments 74AHC1G126MDCKTEP Datasheet HTML 4Page - Texas Instruments 74AHC1G126MDCKTEP Datasheet HTML 5Page - Texas Instruments 74AHC1G126MDCKTEP Datasheet HTML 6Page - Texas Instruments 74AHC1G126MDCKTEP Datasheet HTML 7Page - Texas Instruments 74AHC1G126MDCKTEP Datasheet HTML 8Page - Texas Instruments 74AHC1G126MDCKTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74AHC1G126-EP
SCLS731 – DECEMBER 2013
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating junction temperature range, VCC = 3.3 V ±0.3 V (unless otherwise noted)
FROM
TO
PARAMETER
LOAD CAPACITANCE
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
tPLH
1
13
ns
A
Y
CL = 50 pF
tPHL
1
13
ns
tPZH
1
13
ns
OE
Y
CL = 50 pF
tPZL
1
13
ns
tPHZ
1
15
ns
OE
Y
CL = 50 pF
tPLZ
1
15
ns
SWITCHING CHARACTERISTICS
over recommended operating junction temperature range, VCC = 5 V ±0.5 V (unless otherwise noted)
FROM
TO
PARAMETER
LOAD CAPACITANCE
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
tPLH
1
8.5
ns
A
Y
CL = 50 pF
tPHL
1
8.5
ns
tPZH
1
8
ns
OE
Y
CL = 50 pF
tPZL
1
8
ns
tPHZ
1
10
ns
OE
Y
CL = 50 pF
tPLZ
1
10
ns
OPERATING CHARACTERISTICS
VCC = 5 V, TJ = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load, f = 1 MHz
14
pF
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN74AHC1G126-EP


Número de pieza similar - 74AHC1G126MDCKTEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74AHC1G126 NXP-74AHC1G126 Datasheet
103Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 07-17 June 2009
logo
Diodes Incorporated
74AHC1G126 DIODES-74AHC1G126 Datasheet
228Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
logo
Nexperia B.V. All right...
74AHC1G126 NEXPERIA-74AHC1G126 Datasheet
248Kb / 15P
   Bus buffer/line driver; 3-state
Rev. 10 - 11 January 2022
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
More results

Descripción similar - 74AHC1G126MDCKTEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com