Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AHC1G126DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AHC1G126DBVT
Descripción Electrónicos  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G126DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AHC1G126DBVT Datasheet HTML 2Page - Texas Instruments SN74AHC1G126DBVT Datasheet HTML 3Page - Texas Instruments SN74AHC1G126DBVT Datasheet HTML 4Page - Texas Instruments SN74AHC1G126DBVT Datasheet HTML 5Page - Texas Instruments SN74AHC1G126DBVT Datasheet HTML 6Page - Texas Instruments SN74AHC1G126DBVT Datasheet HTML 7Page - Texas Instruments SN74AHC1G126DBVT Datasheet HTML 8Page - Texas Instruments SN74AHC1G126DBVT Datasheet HTML 9Page - Texas Instruments SN74AHC1G126DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Temperature (GC)
-100
-50
0
50
100
150
0
1
2
3
4
5
6
7
8
D001
TPD in ns
VCC
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
D002
TPD in ns
SN74AHC1G126
SCLS379K – AUGUST 1997 – REVISED DECEMBER 2014
www.ti.com
7.7 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = 25°C
–40°C to 85°C
–40°C to 125°C
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
3.8
5.5
1
6.5
1
7
A
Y
CL = 15 pF
ns
tPHL
3.8
5.5
1
6.5
1
7
tPZH
3.6
5.1
1
6
1
6.5
OE
Y
CL = 15 pF
ns
tPZL
3.6
5.1
1
6
1
6.5
tPHZ
4.6
6.8
1
8
1
8.5
OE
Y
CL = 15 pF
ns
tPLZ
4.6
6.8
1
8
1
8.5
tPLH
5.3
7.5
1
8.5
1
9.5
A
Y
CL = 50 pF
ns
tPHL
5.3
7.5
1
8.5
1
9.5
tPZH
5.1
7.1
1
8
1
9
OE
Y
CL = 50 pF
ns
tPZL
5.1
7.1
1
8
1
9
tPHZ
6.1
8.8
1
10
1
11
OE
Y
CL = 50 pF
ns
tPLZ
6.1
8.8
1
10
1
11
7.8 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
14
pF
7.9 Typical Characteristics
Figure 1. TPD vs Temperature
Figure 2. TPD vs VCC at 25°C
6
Submit Documentation Feedback
Copyright © 1997–2014, Texas Instruments Incorporated
Product Folder Links: SN74AHC1G126


Número de pieza similar - SN74AHC1G126DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHC1G126DBVT TI-SN74AHC1G126DBVT Datasheet
168Kb / 9P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G126DBVT TI-SN74AHC1G126DBVT Datasheet
482Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G126DBVT TI1-SN74AHC1G126DBVT Datasheet
955Kb / 16P
[Old version datasheet]   SN74AHC1G126 SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results

Descripción similar - SN74AHC1G126DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com