Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALB16244 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza SN74ALB16244
Descripción Electrónicos  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALB16244 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ALB16244_09 Datasheet HTML 1Page - Texas Instruments SN74ALB16244_09 Datasheet HTML 2Page - Texas Instruments SN74ALB16244_09 Datasheet HTML 3Page - Texas Instruments SN74ALB16244_09 Datasheet HTML 4Page - Texas Instruments SN74ALB16244_09 Datasheet HTML 5Page - Texas Instruments SN74ALB16244_09 Datasheet HTML 6Page - Texas Instruments SN74ALB16244_09 Datasheet HTML 7Page - Texas Instruments SN74ALB16244_09 Datasheet HTML 8Page - Texas Instruments SN74ALB16244_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN74ALB16244
16-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCBS647D – AUGUST 1995 – REVISED JANUARY 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
IOH†
High-level output current
–25
mA
IOL†
Low-level output current
25
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
5
ns/V
TA
Operating free-air temperature
–40
85
°C
† See Figures 1 and 2 for typical I/O ranges.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
Data inputs
VCC =3V
II = 18 mA
3.6
VCC–1.2
V
VIK
Data inputs
VCC = 3 V
II = –18 mA
–0.9
–1.2
V
Control inputs
VCC = 3.6 V,
VI = VCC or GND
±10
µA
VI =VCC
OE low
0.4
0.6
mA
II
Data inputs
VCC =3 6V
VI = VCC
OE high
25
µA
Data inputs
VCC = 3.6 V
VI =0
OE low
–0.8
–1
mA
VI = 0
OE high
–60
µA
IOZH
VCC = 3.6 V,
VO = 3 V
0.6
20
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
–0.1
–50
µA
ICC/buffer
VCC = 3.6 V,
IO = 0,
VI = VCC or GND
3.7
5.6
mA
ICCZ
VCC = 3.6 V,
Control inputs = VCC or GND
0.8
mA
∆ICC§
VCC = 3 V to 3.6 V, One input at VCC – 0.6 V, Other inputs at VCC or GND
600
µA
Ci
VI = 3 V or 0
4.5
pF
Co
VO = 3 V or 0
5.5
pF
‡ All typical values are at VCC = 3.3 V, TA = 25°C.
§ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 3)
PARAMETER
FROM
TO
VCC = 3.3 V ± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP‡
MAX
UNIT
tpd
A
Y
0.6
1.3
2
ns
ten
OE
Y
1.3
2.5
4.7
ns
tdis
OE
Y
1.8
2.8
4.2
ns
‡ All typical values are at VCC = 3.3 V, TA = 25°C.


Número de pieza similar - SN74ALB16244_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ALB16244_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
   16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162244 PERICOM-PI74ALVCH162244 Datasheet
417Kb / 4P
   16-Bit Buffer Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com