Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74ALVCH16646 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74ALVCH16646
Descripción Electrónicos  16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH16646 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ALVCH16646 Datasheet HTML 7Page - Texas Instruments SN74ALVCH16646 Datasheet HTML 8Page - Texas Instruments SN74ALVCH16646 Datasheet HTML 9Page - Texas Instruments SN74ALVCH16646 Datasheet HTML 10Page - Texas Instruments SN74ALVCH16646 Datasheet HTML 11Page - Texas Instruments SN74ALVCH16646 Datasheet HTML 12Page - Texas Instruments SN74ALVCH16646 Datasheet HTML 13Page - Texas Instruments SN74ALVCH16646 Datasheet HTML 14Page - Texas Instruments SN74ALVCH16646 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
6 V
Open
GND
500
500
tPLH
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
2.7 V
0 V
VOH
VOL
0 V
VOL + 0.3 V
VOH − 0.3 V
0 V
2.7 V
0 V
0 V
2.7 V
0 V
tw
Input
2.7 V
2.7 V
3 V
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Output
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
6 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
SN74ALVCH16646
16-BIT BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCES032F – JULY 1995 – REVISED SEPTEMBER 2004
V
CC = 2.7 V AND 3.3 V ± 0.3 V
Figure 4. Load Circuit and Voltage Waveforms
11


Número de pieza similar - SN74ALVCH16646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALVCH16646 TI-SN74ALVCH16646 Datasheet
188Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646DGG TI-SN74ALVCH16646DGG Datasheet
188Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646DGV TI-SN74ALVCH16646DGV Datasheet
188Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646DL TI-SN74ALVCH16646DL Datasheet
188Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74ALVCH16646

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
   16-Bit Bus Transceiver and Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16646A TI-SN74LVCH16646A_V01 Datasheet
1Mb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A TI-SN74LVCH16652A Datasheet
189Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74AVC16646 TI-SN74AVC16646 Datasheet
225Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16646A TI-SN74LVCH16646A Datasheet
190Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646 TI-SN74ALVCH16646 Datasheet
188Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com