Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4050BPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD4050BPWR
Descripción Electrónicos  CMOS Hex Buffer/Converters
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CD4050BPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD4050BPWR Datasheet HTML 2Page - Texas Instruments CD4050BPWR Datasheet HTML 3Page - Texas Instruments CD4050BPWR Datasheet HTML 4Page - Texas Instruments CD4050BPWR Datasheet HTML 5Page - Texas Instruments CD4050BPWR Datasheet HTML 6Page - Texas Instruments CD4050BPWR Datasheet HTML 7Page - Texas Instruments CD4050BPWR Datasheet HTML 8Page - Texas Instruments CD4050BPWR Datasheet HTML 9Page - Texas Instruments CD4050BPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
FIGURE 6. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 7. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 8. TYPICAL VOLTAGE TRANSFER CHARACTERISTICS
AS A FUNCTION OF TEMPERATURE FOR CD4049UB
FIGURE 9. TYPICAL VOLTAGE TRANSFER CHARACTERISTICS
AS A FUNCTION OF TEMPERATURE FOR CD4050B
FIGURE 10. TYPICAL POWER DISSIPATION vs FREQUENCY
CHARACTERISTICS
FIGURE 11. TYPICAL POWER DISSIPATION vs INPUT RISE
AND FALL TIMES PER INVERTER FOR CD4049UB
Typical Performance Curves (Continued)
-5
-10
-15
-20
-25
-30
-35
-15V
-10V
GATE TO SOURCE VOLTAGE
VGS = -5V
TA = 25
oC
-8
-7
-6
-5
-4
-3
-2
-1
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
-5
-10
-15
-20
-25
-30
-35
-15V
-10V
GATE TO SOURCE VOLTAGE
VGS = -5V
TA = 25
oC
-8
-7
-6
-5
-4
-3
-2
-1
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
6
5
4
3
2
1
-55oC
125oC
SUPPLY VOLTAGE
VCC = 10V
TA = -55
oC
8
7
6
5
4
3
2
1
0
VI, INPUT VOLTAGE (V)
910
9
8
7
0
125oC
VCC = 5V
10
6
5
4
3
2
1
-55oC
125oC
SUPPLY VOLTAGE
VCC = 10V
TA = -55
oC
8
7
6
5
4
3
2
1
0
VI, INPUT VOLTAGE (V)
910
9
8
7
0
125oC
VCC = 5V
105
104
103
102
10
10
102
103
104
105
TA = 25
oC
SUPPL
Y V
OL
TA
GE
V CC
=
15V
10V
10V
5V
LOAD CAPACITANCE
CL = 50pF
(11pF FIXTURE + 39pF EXT)
(11pF FIXTURE + 4pF EXT)
CL = 15pF
f, INPUT FREQUENCY (kHz)
105
104
103
102
10
10
102
103
104
105
TA = 25
oC
tr, tf, INPUT RISE AND FALL TIME (ns)
SUPPLY VOLTAGE VCC = 5V FREQUENCY (f) = 10kHz
15V; 1MHz
15V; 100kHz
10V; 100kHz
15V; 10kHz
10V; 10kHz
15V; 1kHz
106
107
108
CD4049UB, CD4050B


Número de pieza similar - CD4050BPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4050BPWR TI-CD4050BPWR Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4050BPWR TI1-CD4050BPWR Datasheet
1Mb / 38P
[Old version datasheet]   CMOS to DTL/TTL Hex Converter
CD4050BPWR TI1-CD4050BPWR Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
CD4050BPWR TI-CD4050BPWR Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4050BPWRE4 TI-CD4050BPWRE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
More results

Descripción similar - CD4050BPWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
JM3851005554BEA TI-JM3851005554BEA Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
logo
Unisonic Technologies
UCD4049B UTC-UCD4049B Datasheet
210Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4049UBDE4 TI1-CD4049UBDE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
logo
Harris Corporation
CD4049UB HARRIS-CD4049UB Datasheet
75Kb / 10P
   CMOS Hex Buffer/Converters
logo
Unisonic Technologies
UCD4050B UTC-UCD4050B Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
UCD4049B UTC-UCD4049B_15 Datasheet
243Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
UCD4050B UTC-UCD4050B_15 Datasheet
196Kb / 5P
   CMOS HEX BUFFER/CONVERTERS
logo
STMicroelectronics
HCC4009UB STMICROELECTRONICS-HCC4009UB Datasheet
302Kb / 13P
   HEX BUFFER/CONVERTERS
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com